Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4012 Datasheet (PDF) - Silicon Mitus, Inc.

SM4012 Datasheet PDF - Silicon Mitus, Inc.
Part # SM4012
Download  SM4012 Download
File Size   270.89 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Notebook and Tablet LCD Panel PMIC with AVDD Boost, 1-Ch. LED Driver, 8-Ch. Level-Shifter, LDO, VCOM Calibrator and OP-Amp

SM4012 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4012 Datasheet PDF - Silicon Mitus, Inc.

Part # SM4012
Download  SM4012 Click to download

File Size   270.89 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Notebook and Tablet LCD Panel PMIC with AVDD Boost, 1-Ch. LED Driver, 8-Ch. Level-Shifter, LDO, VCOM Calibrator and OP-Amp

SM4012 Datasheet (HTML) - Silicon Mitus, Inc.


SM4012 Product details

Features
 2 V to 6 V Input Supply Voltage Range
 High-Efficiency Boost Converter
. Peak-current Mode Control – Fast Transient
. 330 kHz to 1.2 MHz Adjustable Switching Frequency
. Built-in 20 V, 1.5 A, 0.25 Ω MOSFET
. High Performance Load / Line Regulation
 High Brightness 1-Channel LED Driver
. Peak-current Mode Boost Converter
. 330 kHz to 1.2 MHz Adjustable Switching Frequency
. Built-in 49 V, 1.2 A, 0.5 Ω MOSFET
. Brightness Control
. High Contrast Ratio
 High-Voltage Level Shifter
. Logic Level Inputs
. -15 V to 35 V Output Rails
 250 mA Adjustable LDO
 VCOM Calibrator
. 128-Step Adjustable Sink Current Output
. I2C Interface
 High-Speed OP-Amp
. 20 MHz, -3 dB Bandwidth
. 35 V / μs Slew Rate
. 200 mA Output Current
 Protections
. Thermal Shutdown
. Short Circuit / Over-Voltage Protection (by VAVDD)
. Open / Short LED Protection (by VLED)
Applications
 LCD Notebook and Tablet Panels




Similar Part No. - SM4012

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM4012 FAIRVIEW-SM4012 Datasheet
78Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM N/M-N/M TRIMETAL PLATING SHEET
REV A
More results


Similar Description - SM4012

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM4007 SILICONMITUS-SM4007 Datasheet
262Kb / 1P
Notebook and Tablet LCD Panel Level-shifter with 8-Ch. Output and Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
SM4028 SILICONMITUS-SM4028 Datasheet
268Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, Level-Shifter, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4045 SILICONMITUS-SM4045 Datasheet
269Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Buck, Level-Shifter, Two Negative Charge-Pumps, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4106 SILICONMITUS-SM4106 Datasheet
155Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Negative Charge-Pump, VCOM Calibrator and Level-shifter
Februay 2018- Rev. 0.0.0
SM41NA SILICONMITUS-SM41NA Datasheet
270Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VON Boost, Negative Charge Pump, Buck, LDO, VCOM Calibrator, Two OP-Amps, 4-Ch. Gamma Buffers and Level-shifter
Februay 2018 Rev. 0.0.0
SM41NE SILICONMITUS-SM41NE Datasheet
337Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, Positive / Negative Charge Pumps, Buck, LDO, VCOM Calibrator, OP Amp, 4-Ch. Gamma Buffers and GPM
Februay 2018 Rev. 0.0.0
SM4402 SILICONMITUS-SM4402 Datasheet
263Kb / 1P
Notebook and Tablet LCD Panel Level-shifter with 13-Ch. Output and Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
SM4405 SILICONMITUS-SM4405 Datasheet
268Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, VGL Negative Charge-Pump, Two Bucks, LDO, HAVDD Linear Regulator, OP-Amp, VCOM Calibrator with Dual Banks, 14-Ch. Gamma Buffers with Dual Banks and GPM
December 2017 Rev. 0.0.0
SM4801 SILICONMITUS-SM4801 Datasheet
273Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, Two Bucks, LDO, Two Negative Charge-Pumps, OP-Amp, VCOM Calibrator and GPM
December 2017 Rev. 0.0.0
SM6751Q SILICONMITUS-SM6751Q Datasheet
214Kb / 2P
Boost Regulator with GPM, LDO, VCOM Calibrator and OP Amp
October 2021 Rev. 0.9.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com