Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM41NA Datasheet (PDF) - Silicon Mitus, Inc.

SM41NA Datasheet PDF - Silicon Mitus, Inc.
Part # SM41NA
Download  SM41NA Download
File Size   270.32 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Notebook and Tablet LCD Panel PMIC with AVDD Boost, VON Boost, Negative Charge Pump, Buck, LDO, VCOM Calibrator, Two OP-Amps, 4-Ch. Gamma Buffers and Level-shifter

SM41NA Datasheet (PDF)

Go To PDF Page Download Datasheet
SM41NA Datasheet PDF - Silicon Mitus, Inc.

Part # SM41NA
Download  SM41NA Click to download

File Size   270.32 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Notebook and Tablet LCD Panel PMIC with AVDD Boost, VON Boost, Negative Charge Pump, Buck, LDO, VCOM Calibrator, Two OP-Amps, 4-Ch. Gamma Buffers and Level-shifter

SM41NA Datasheet (HTML) - Silicon Mitus, Inc.


SM41NA Product details

Features
 2.5 V to 6 V Input Supply Voltage Range
 High-Efficiency Step-Up Regulator
. Peak-Current Mode Control
. Built-in 15 V, 1.5 A, 250 mΩ MOSFET
. High Performance Load / Line Regulation
 VON Step-Up Regulator
. Internal Compensation for DCM
. Temperature Compensated Output
. Built-in 45 V, 1.2 A, 1.0 Ω MOSFET
 Internal Low Drop-Out Linear Regulator
 Negative Charge-Pump Regulator
 High-Efficiency Buck Converter for Logic
. Internal Compensation
. Built-in 8 V, 0.8 A, 600 mΩ MOSFETs
 Programmable VCOM Calibrator
. 128-Step Adjustable Sink Current Output
. I2C Interface
 Dual High-Voltage Scan Driver
. Output Charge Sharing
 Programmable 4-Channel Gamma Buffers
. 9-bit Programmable Output Voltage
 High-Speed HAVDD & VCOM OP Amps
. 15 MHz, -3 dB Bandwidth
. 200 V / μs Slew Rate. 90 mA Output Current
 10 bytes EEPROM for Programmable Control
 Protections
. Thermal Shutdown
. Overvoltage Protection / Over Current Protection
. Diode Open Protection / Undervoltage Protection
Applications
 LCD Notebook and Tablet Panels




Similar Part No. - SM41NA

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM41NC SILICONMITUS-SM41NC Datasheet
334Kb / 1P
LDO Regulator and Internal-Switch Buck Regulator with Adjustable Switching Frequency
Februay 2018 Rev. 0.0.0
SM41ND SILICONMITUS-SM41ND Datasheet
326Kb / 1P
Notebook LCD Panel Dual High-Voltage Scan Driver with Charge Sharing
Februay 2018 Rev. 0.0.0
SM41NE SILICONMITUS-SM41NE Datasheet
337Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, Positive / Negative Charge Pumps, Buck, LDO, VCOM Calibrator, OP Amp, 4-Ch. Gamma Buffers and GPM
Februay 2018 Rev. 0.0.0
More results


Similar Description - SM41NA

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM4012 SILICONMITUS-SM4012 Datasheet
270Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, 1-Ch. LED Driver, 8-Ch. Level-Shifter, LDO, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4028 SILICONMITUS-SM4028 Datasheet
268Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, Level-Shifter, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4045 SILICONMITUS-SM4045 Datasheet
269Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Buck, Level-Shifter, Two Negative Charge-Pumps, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4106 SILICONMITUS-SM4106 Datasheet
155Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Negative Charge-Pump, VCOM Calibrator and Level-shifter
Februay 2018- Rev. 0.0.0
SM4108 SILICONMITUS-SM4108 Datasheet
156Kb / 1P
TV LCD Panel PMIC with AVDD Boost, HAVDD Buck, Buck, VGH regulator, VGL Buck-Boost, Positive/Negative Linear Regulator Controller, Dual Analog Switches, Three OP-Amps and Level-shifter
February 2018- Rev. 0.0.0
SM4109 SILICONMITUS-SM4109 Datasheet
156Kb / 1P
TV LCD Panle PMIC with AVDD Boost, HAVDD Buck, Two Bucks, Buck-boost, VON Boost, Negative Linear Regulator Controller and Level-shifter
Februay 2018 Rev. 0.0.0
SM41NE SILICONMITUS-SM41NE Datasheet
337Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, Positive / Negative Charge Pumps, Buck, LDO, VCOM Calibrator, OP Amp, 4-Ch. Gamma Buffers and GPM
Februay 2018 Rev. 0.0.0
SM4405 SILICONMITUS-SM4405 Datasheet
268Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, VGL Negative Charge-Pump, Two Bucks, LDO, HAVDD Linear Regulator, OP-Amp, VCOM Calibrator with Dual Banks, 14-Ch. Gamma Buffers with Dual Banks and GPM
December 2017 Rev. 0.0.0
SM4801 SILICONMITUS-SM4801 Datasheet
273Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, Two Bucks, LDO, Two Negative Charge-Pumps, OP-Amp, VCOM Calibrator and GPM
December 2017 Rev. 0.0.0
SM4805 SILICONMITUS-SM4805 Datasheet
336Kb / 1P
TV LCD Panel PMIC with AVDD Boost, HAVDD Buck, Three Bucks, VGH Boost, VGL Buck-boost, GPM, 4-Ch. Gamma Buffer, Dual VCOM OP-Amps and I2C Interface
December 2017 Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com