Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4801 Datasheet (PDF) - Silicon Mitus, Inc.

SM4801 Datasheet PDF - Silicon Mitus, Inc.
Part # SM4801
Download  SM4801 Download
File Size   273.68 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, Two Bucks, LDO, Two Negative Charge-Pumps, OP-Amp, VCOM Calibrator and GPM

SM4801 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4801 Datasheet PDF - Silicon Mitus, Inc.

Part # SM4801
Download  SM4801 Click to download

File Size   273.68 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, Two Bucks, LDO, Two Negative Charge-Pumps, OP-Amp, VCOM Calibrator and GPM

SM4801 Datasheet (HTML) - Silicon Mitus, Inc.


SM4801 Product details

Features
 2.5 V to 5.5 V Input Supply Voltage Range
 I2C Interface
 High-Efficiency Step-up Regulator (AVDD)
. Peak-Current Mode Synchronous Boost converter
. 600 kHz to 2 MHz Adjustable Switching Frequency by
I2C
. Programmable Output Voltage 4.5 V to 11 V
 High-Efficiency Step-up Regulator (VGH)
. Voltage Mode Synchronous Boost Converter
. 600 kHz to 2 MHz Adjustable Switching Frequency by
I2C
. Programmable Output Voltage 10 V to 37 V
 High-Efficiency Step-down Regulator (VIO, VCORE)
. Synchronous Buck Converter
. VCORE Programmable Output Voltage 0.8 V to 2.8 V
. VIO Programmable Output Voltage 1 V to 2.8 V
 Low Dropout Voltage Linear Regulator (LDO)
. Programmable Output Voltage 1.2 V to 2.8 V
. 300 mA Maximum Output Current
 Programmable VCOM Calibrator
. 128-Step Adjustable Sink Current Output
. Temperature Compensation
 High Speed OP-Amp
. ±150 mA Short Circuit Current.
 Two Programmable Negative Charge-Pump Regulators (VGL1, VGL2)
 Programmable Voltage Detector
 Gate Pulse Modulator
 Thermal Shut Down Protection
Applications
 LCD Notebook, Tablet and Monitor Panels




Similar Part No. - SM4801

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM4800 FAIRVIEW-SM4800 Datasheet
366Kb / 2P
SM4800 DATA SHEET SMA Male to RP MCX Plug Adapter
REV 1.0
logo
Silicon Mitus, Inc.
SM4802 SILICONMITUS-SM4802 Datasheet
268Kb / 1P
TV LCD Panel PMIC with AVDD Boost, HAVDD Regulator, Two Bucks, VGH Boost, VGL Buck-boost, Negative Linear Regulator
December 2017 Rev. 0.0.0
logo
Sinopower Semiconductor...
SM4802DSK SINOPWER-SM4802DSK Datasheet
275Kb / 12P
Dual N-Channel Enhancement Mode MOSFET
SM4802DSKC-TRG SINOPWER-SM4802DSKC-TRG Datasheet
275Kb / 12P
Dual N-Channel Enhancement Mode MOSFET
SM4803DSK SINOPWER-SM4803DSK Datasheet
245Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
More results


Similar Description - SM4801

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM4012 SILICONMITUS-SM4012 Datasheet
270Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, 1-Ch. LED Driver, 8-Ch. Level-Shifter, LDO, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4028 SILICONMITUS-SM4028 Datasheet
268Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, Level-Shifter, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4045 SILICONMITUS-SM4045 Datasheet
269Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Buck, Level-Shifter, Two Negative Charge-Pumps, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4106 SILICONMITUS-SM4106 Datasheet
155Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Negative Charge-Pump, VCOM Calibrator and Level-shifter
Februay 2018- Rev. 0.0.0
SM41NA SILICONMITUS-SM41NA Datasheet
270Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VON Boost, Negative Charge Pump, Buck, LDO, VCOM Calibrator, Two OP-Amps, 4-Ch. Gamma Buffers and Level-shifter
Februay 2018 Rev. 0.0.0
SM41NE SILICONMITUS-SM41NE Datasheet
337Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, Positive / Negative Charge Pumps, Buck, LDO, VCOM Calibrator, OP Amp, 4-Ch. Gamma Buffers and GPM
Februay 2018 Rev. 0.0.0
SM4405 SILICONMITUS-SM4405 Datasheet
268Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, VGL Negative Charge-Pump, Two Bucks, LDO, HAVDD Linear Regulator, OP-Amp, VCOM Calibrator with Dual Banks, 14-Ch. Gamma Buffers with Dual Banks and GPM
December 2017 Rev. 0.0.0
SM4802 SILICONMITUS-SM4802 Datasheet
268Kb / 1P
TV LCD Panel PMIC with AVDD Boost, HAVDD Regulator, Two Bucks, VGH Boost, VGL Buck-boost, Negative Linear Regulator
December 2017 Rev. 0.0.0
SM4805 SILICONMITUS-SM4805 Datasheet
336Kb / 1P
TV LCD Panel PMIC with AVDD Boost, HAVDD Buck, Three Bucks, VGH Boost, VGL Buck-boost, GPM, 4-Ch. Gamma Buffer, Dual VCOM OP-Amps and I2C Interface
December 2017 Rev. 0.0.0
SM6751Q SILICONMITUS-SM6751Q Datasheet
214Kb / 2P
Boost Regulator with GPM, LDO, VCOM Calibrator and OP Amp
October 2021 Rev. 0.9.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com