Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4028 Datasheet (PDF) - Silicon Mitus, Inc.

SM4028 Datasheet PDF - Silicon Mitus, Inc.
Part # SM4028
Download  SM4028 Download
File Size   268.23 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Monitor LCD Panel PMIC with AVDD Boost, Level-Shifter, GPM, VCOM Calibrator and OP-Amp

SM4028 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4028 Datasheet PDF - Silicon Mitus, Inc.

Part # SM4028
Download  SM4028 Click to download

File Size   268.23 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Monitor LCD Panel PMIC with AVDD Boost, Level-Shifter, GPM, VCOM Calibrator and OP-Amp

SM4028 Datasheet (HTML) - Silicon Mitus, Inc.


SM4028 Product details

Features
 2.6 V to 6.5 V Input Supply Voltage Range
 High-Efficiency Step-up Regulator
. Peak-Current Mode Control – Fast Transient
. 330 kHz to 1.25 MHz Adjustable
. Built-in 20 V, 4.0 A, 0.12 Ω MOSFET
. High Performance Load / Line Regulation
 High-Voltage Level Shifter
. Logic Level Inputs
. -15 V to 35 V Output Rails
. Gate Pulse Modulator
 VCOM Calibrator
. 128-Step Adjustable Sink Current Output
. I2C interface – Address : 01010A1A0
 High-Speed OP-Amp
. 20 MHz, -3 dB Bandwidth
. 35 V / μs Slew Rate
. 300 mA Output Current
 Protections
. Thermal Shutdown
. Short Circuit / Over-Voltage Protection (by VAVDD)
Applications
 LCD TV and Monitor Panels




Similar Part No. - SM4028

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM4028 FAIRVIEW-SM4028 Datasheet
529Kb / 4P
SM4028 DATA SHEET N Male to N Female Bulkhead Adapter
REV 2.1
logo
Sinopower Semiconductor...
SM4028NSU SINOPWER-SM4028NSU Datasheet
178Kb / 12P
N-Channel Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SM4028NSU DOINGTER-SM4028NSU Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Sinopower Semiconductor...
SM4028NSUC-TRG SINOPWER-SM4028NSUC-TRG Datasheet
178Kb / 12P
N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SM4028NSUC-TRG VBSEMI-SM4028NSUC-TRG Datasheet
1,002Kb / 8P
N-Channel 4 -V (D-S) MOSFET
More results


Similar Description - SM4028

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM4012 SILICONMITUS-SM4012 Datasheet
270Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, 1-Ch. LED Driver, 8-Ch. Level-Shifter, LDO, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4045 SILICONMITUS-SM4045 Datasheet
269Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Buck, Level-Shifter, Two Negative Charge-Pumps, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4106 SILICONMITUS-SM4106 Datasheet
155Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Negative Charge-Pump, VCOM Calibrator and Level-shifter
Februay 2018- Rev. 0.0.0
SM4109 SILICONMITUS-SM4109 Datasheet
156Kb / 1P
TV LCD Panle PMIC with AVDD Boost, HAVDD Buck, Two Bucks, Buck-boost, VON Boost, Negative Linear Regulator Controller and Level-shifter
Februay 2018 Rev. 0.0.0
SM41NA SILICONMITUS-SM41NA Datasheet
270Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VON Boost, Negative Charge Pump, Buck, LDO, VCOM Calibrator, Two OP-Amps, 4-Ch. Gamma Buffers and Level-shifter
Februay 2018 Rev. 0.0.0
SM41NE SILICONMITUS-SM41NE Datasheet
337Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, Positive / Negative Charge Pumps, Buck, LDO, VCOM Calibrator, OP Amp, 4-Ch. Gamma Buffers and GPM
Februay 2018 Rev. 0.0.0
SM4405 SILICONMITUS-SM4405 Datasheet
268Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, VGL Negative Charge-Pump, Two Bucks, LDO, HAVDD Linear Regulator, OP-Amp, VCOM Calibrator with Dual Banks, 14-Ch. Gamma Buffers with Dual Banks and GPM
December 2017 Rev. 0.0.0
SM4801 SILICONMITUS-SM4801 Datasheet
273Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, Two Bucks, LDO, Two Negative Charge-Pumps, OP-Amp, VCOM Calibrator and GPM
December 2017 Rev. 0.0.0
SM4805 SILICONMITUS-SM4805 Datasheet
336Kb / 1P
TV LCD Panel PMIC with AVDD Boost, HAVDD Buck, Three Bucks, VGH Boost, VGL Buck-boost, GPM, 4-Ch. Gamma Buffer, Dual VCOM OP-Amps and I2C Interface
December 2017 Rev. 0.0.0
SM6751Q SILICONMITUS-SM6751Q Datasheet
214Kb / 2P
Boost Regulator with GPM, LDO, VCOM Calibrator and OP Amp
October 2021 Rev. 0.9.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com