Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4805 Datasheet (PDF) - Silicon Mitus, Inc.

SM4805 Datasheet PDF - Silicon Mitus, Inc.
Part # SM4805
Download  SM4805 Download
File Size   336.74 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description TV LCD Panel PMIC with AVDD Boost, HAVDD Buck, Three Bucks, VGH Boost, VGL Buck-boost, GPM, 4-Ch. Gamma Buffer, Dual VCOM OP-Amps and I2C Interface

SM4805 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4805 Datasheet PDF - Silicon Mitus, Inc.

Part # SM4805
Download  SM4805 Click to download

File Size   336.74 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description TV LCD Panel PMIC with AVDD Boost, HAVDD Buck, Three Bucks, VGH Boost, VGL Buck-boost, GPM, 4-Ch. Gamma Buffer, Dual VCOM OP-Amps and I2C Interface

SM4805 Datasheet (HTML) - Silicon Mitus, Inc.


SM4805 Product details

Features
 10.2 V to 14.7 V Input Supply Voltage Range 
 Programmable Switching Frequency 
 Asynchronous Boost Converter for AVDD 
. Programmable Output Voltage: 12.8 V to 19 V
. Programmable Current Sense Threshold Voltage 
 Forced Synchronous Buck Converter for HAVDD 
. Programmable Output Voltage: 6.4 V to 9.5 V
. 1.5 A Switch Current Limit 
 3-Channel Asynchronous Buck Converter for DVDD1, 2, 3 
. Output Voltage: 0.8 V to 3.5 V
. 2.5 A Switch Current Limit 
 Asynchronous Boost Converter for VGH 
. Programmable Output Voltage: 25 V to 43 V
. 2 A Switch Current Limit
. Temperature-compensated Output 
 Asynchronous Buck-Boost Converter for VGL 
. Programmable Output Voltage: -16 V to -4 V
. 1.5 A Switch Current Limit 
 Negative Linear Regulator for VGL2 
. Programmable Output Voltage: -9 V to -3 V
. Internal Transistors for Sinking/Sourcing Output Current
 Positive Gate Pulse Modulation for VGPM
 Programmable Four Channel Gamma Reference Voltage Outputs with 9-bit Resolution 
 Programmable VCOM Calibrator with EEPROM 
. 7-bit Adjustable Output Voltage 
 Dual Channel Operational Amplifiers 
. 8-bit Programmable DACs for VCOM 1, 2 
 PG Function for Reliable Power Sequence 
 Programmable Output Voltages and Power-up Sequence
Applications
 LCD TV and Monitor Panels




Similar Part No. - SM4805

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM4805DSK SINOPWER-SM4805DSK Datasheet
275Kb / 12P
Dual N-Channel Enhancement Mode MOSFET
SM4805DSKC-TRG SINOPWER-SM4805DSKC-TRG Datasheet
275Kb / 12P
Dual N-Channel Enhancement Mode MOSFET
More results


Similar Description - SM4805

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM4028 SILICONMITUS-SM4028 Datasheet
268Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, Level-Shifter, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4045 SILICONMITUS-SM4045 Datasheet
269Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Buck, Level-Shifter, Two Negative Charge-Pumps, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4106 SILICONMITUS-SM4106 Datasheet
155Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Negative Charge-Pump, VCOM Calibrator and Level-shifter
Februay 2018- Rev. 0.0.0
SM4108 SILICONMITUS-SM4108 Datasheet
156Kb / 1P
TV LCD Panel PMIC with AVDD Boost, HAVDD Buck, Buck, VGH regulator, VGL Buck-Boost, Positive/Negative Linear Regulator Controller, Dual Analog Switches, Three OP-Amps and Level-shifter
February 2018- Rev. 0.0.0
SM4109 SILICONMITUS-SM4109 Datasheet
156Kb / 1P
TV LCD Panle PMIC with AVDD Boost, HAVDD Buck, Two Bucks, Buck-boost, VON Boost, Negative Linear Regulator Controller and Level-shifter
Februay 2018 Rev. 0.0.0
SM41NA SILICONMITUS-SM41NA Datasheet
270Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VON Boost, Negative Charge Pump, Buck, LDO, VCOM Calibrator, Two OP-Amps, 4-Ch. Gamma Buffers and Level-shifter
Februay 2018 Rev. 0.0.0
SM41NE SILICONMITUS-SM41NE Datasheet
337Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, Positive / Negative Charge Pumps, Buck, LDO, VCOM Calibrator, OP Amp, 4-Ch. Gamma Buffers and GPM
Februay 2018 Rev. 0.0.0
SM4405 SILICONMITUS-SM4405 Datasheet
268Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, VGL Negative Charge-Pump, Two Bucks, LDO, HAVDD Linear Regulator, OP-Amp, VCOM Calibrator with Dual Banks, 14-Ch. Gamma Buffers with Dual Banks and GPM
December 2017 Rev. 0.0.0
SM4801 SILICONMITUS-SM4801 Datasheet
273Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, Two Bucks, LDO, Two Negative Charge-Pumps, OP-Amp, VCOM Calibrator and GPM
December 2017 Rev. 0.0.0
SM4802 SILICONMITUS-SM4802 Datasheet
268Kb / 1P
TV LCD Panel PMIC with AVDD Boost, HAVDD Regulator, Two Bucks, VGH Boost, VGL Buck-boost, Negative Linear Regulator
December 2017 Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com