Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4108 Datasheet (PDF) - Silicon Mitus, Inc.

SM4108 Datasheet PDF - Silicon Mitus, Inc.
Part # SM4108
Download  SM4108 Download
File Size   156.51 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description TV LCD Panel PMIC with AVDD Boost, HAVDD Buck, Buck, VGH regulator, VGL Buck-Boost, Positive/Negative Linear Regulator Controller, Dual Analog Switches, Three OP-Amps and Level-shifter

SM4108 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4108 Datasheet PDF - Silicon Mitus, Inc.

Part # SM4108
Download  SM4108 Click to download

File Size   156.51 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description TV LCD Panel PMIC with AVDD Boost, HAVDD Buck, Buck, VGH regulator, VGL Buck-Boost, Positive/Negative Linear Regulator Controller, Dual Analog Switches, Three OP-Amps and Level-shifter

SM4108 Datasheet (HTML) - Silicon Mitus, Inc.


SM4108 Product details

Features
 8.7V to 14.5V Input Supply Voltage Range
 750kHz Switching Frequency
 High-Efficiency Step-up Regulator
. Voltage Mode Control
. Built-In 20V, 3.3A, 0.15Ω MOSFET
 High-Voltage Step-down Regulator for Logic
. Peak-Current Mode Control
. Built-In 20V, 1.5A, 0.26Ω MOSFET
 Buck-boost Regulator
. Temperature-Compensated Output
. Peak-Current Mode Control
. Built-In 60V, 1.2A, 1Ω MOSFET
 Synchronous Step-down Regulator
. Voltage Mode Control
. Built-In 20V, 1.0A, 0.5Ω MOSFET
 Positive/Negative Linear Regulator Controller
. Uses External PNP/NPN Transistor
. Temperature-Compensated Output (positive only)
 Low Voltage Dual SPST Analog Switches
 High-Speed OP-Amp
. 15MHz -3dB Bandwidth
. 35V/s Slew Rate
. 100mA Output Current
 Dual High-Voltage Scan Driver
. -25V ~ 35V Output Rails
. Output Charge Sharing
 Protections
. Thermal Shutdown
. Boost Converter True Shutdown by External pMOS
. Over-Load or Short Circuit / Over-Voltage Protection
Applications
 LCD TV and Monitor Panels




Similar Part No. - SM4108

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM4106 SILICONMITUS-SM4106 Datasheet
155Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Negative Charge-Pump, VCOM Calibrator and Level-shifter
Februay 2018- Rev. 0.0.0
SM4109 SILICONMITUS-SM4109 Datasheet
156Kb / 1P
TV LCD Panle PMIC with AVDD Boost, HAVDD Buck, Two Bucks, Buck-boost, VON Boost, Negative Linear Regulator Controller and Level-shifter
Februay 2018 Rev. 0.0.0
More results


Similar Description - SM4108

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Silicon Mitus, Inc.
SM4028 SILICONMITUS-SM4028 Datasheet
268Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, Level-Shifter, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4045 SILICONMITUS-SM4045 Datasheet
269Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Buck, Level-Shifter, Two Negative Charge-Pumps, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4106 SILICONMITUS-SM4106 Datasheet
155Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Negative Charge-Pump, VCOM Calibrator and Level-shifter
Februay 2018- Rev. 0.0.0
SM4109 SILICONMITUS-SM4109 Datasheet
156Kb / 1P
TV LCD Panle PMIC with AVDD Boost, HAVDD Buck, Two Bucks, Buck-boost, VON Boost, Negative Linear Regulator Controller and Level-shifter
Februay 2018 Rev. 0.0.0
SM41NA SILICONMITUS-SM41NA Datasheet
270Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VON Boost, Negative Charge Pump, Buck, LDO, VCOM Calibrator, Two OP-Amps, 4-Ch. Gamma Buffers and Level-shifter
Februay 2018 Rev. 0.0.0
SM4405 SILICONMITUS-SM4405 Datasheet
268Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, VGL Negative Charge-Pump, Two Bucks, LDO, HAVDD Linear Regulator, OP-Amp, VCOM Calibrator with Dual Banks, 14-Ch. Gamma Buffers with Dual Banks and GPM
December 2017 Rev. 0.0.0
SM4802 SILICONMITUS-SM4802 Datasheet
268Kb / 1P
TV LCD Panel PMIC with AVDD Boost, HAVDD Regulator, Two Bucks, VGH Boost, VGL Buck-boost, Negative Linear Regulator
December 2017 Rev. 0.0.0
SM4805 SILICONMITUS-SM4805 Datasheet
336Kb / 1P
TV LCD Panel PMIC with AVDD Boost, HAVDD Buck, Three Bucks, VGH Boost, VGL Buck-boost, GPM, 4-Ch. Gamma Buffer, Dual VCOM OP-Amps and I2C Interface
December 2017 Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com