Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4106 Datasheet (PDF) - Silicon Mitus, Inc.

SM4106 Datasheet PDF - Silicon Mitus, Inc.
Part # SM4106
Download  SM4106 Download
File Size   155.79 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Negative Charge-Pump, VCOM Calibrator and Level-shifter

SM4106 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4106 Datasheet PDF - Silicon Mitus, Inc.

Part # SM4106
Download  SM4106 Click to download

File Size   155.79 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Negative Charge-Pump, VCOM Calibrator and Level-shifter

SM4106 Datasheet (HTML) - Silicon Mitus, Inc.


SM4106 Product details

Features
 2.9V to 6V Input Supply Voltage Range
 High-Efficiency Step-Up Regulator
. Peak-Current Mode Control – Fast Transient
. 1MHz Switching Frequency
. Built-In 20V, 3.5A, 120mΩ MOSFET
. High Performance Load / Line Regulation
 VONE Step-Up Regulator
. Voltage Mode Control
. Temperature-Compensated Output
. Built-In 40V, 1.9A, 870mΩ MOSFET
 Negative Charge-Pump Regulator
 Programmable VCOM Calibrator
. 128-Step Adjustable Sink Current Output
. Single-Wire interface
 Dual High-Voltage Scan Driver
. -20V ~ 40V Output Rails
. Output Charge Sharing
 Protections
. Thermal Shutdown
. Over-Load Protection (by AVDD and VSS)
. Over-Voltage Protection (by VIN, AVDD and VONE)
. Diode Open Protection (by AVDD and VONE)
Applications
 LCD TV and Monitor Panels




Similar Part No. - SM4106

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM4108 SILICONMITUS-SM4108 Datasheet
156Kb / 1P
TV LCD Panel PMIC with AVDD Boost, HAVDD Buck, Buck, VGH regulator, VGL Buck-Boost, Positive/Negative Linear Regulator Controller, Dual Analog Switches, Three OP-Amps and Level-shifter
February 2018- Rev. 0.0.0
SM4109 SILICONMITUS-SM4109 Datasheet
156Kb / 1P
TV LCD Panle PMIC with AVDD Boost, HAVDD Buck, Two Bucks, Buck-boost, VON Boost, Negative Linear Regulator Controller and Level-shifter
Februay 2018 Rev. 0.0.0
More results


Similar Description - SM4106

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM4012 SILICONMITUS-SM4012 Datasheet
270Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, 1-Ch. LED Driver, 8-Ch. Level-Shifter, LDO, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4028 SILICONMITUS-SM4028 Datasheet
268Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, Level-Shifter, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4045 SILICONMITUS-SM4045 Datasheet
269Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Buck, Level-Shifter, Two Negative Charge-Pumps, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4108 SILICONMITUS-SM4108 Datasheet
156Kb / 1P
TV LCD Panel PMIC with AVDD Boost, HAVDD Buck, Buck, VGH regulator, VGL Buck-Boost, Positive/Negative Linear Regulator Controller, Dual Analog Switches, Three OP-Amps and Level-shifter
February 2018- Rev. 0.0.0
SM4109 SILICONMITUS-SM4109 Datasheet
156Kb / 1P
TV LCD Panle PMIC with AVDD Boost, HAVDD Buck, Two Bucks, Buck-boost, VON Boost, Negative Linear Regulator Controller and Level-shifter
Februay 2018 Rev. 0.0.0
SM41NA SILICONMITUS-SM41NA Datasheet
270Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VON Boost, Negative Charge Pump, Buck, LDO, VCOM Calibrator, Two OP-Amps, 4-Ch. Gamma Buffers and Level-shifter
Februay 2018 Rev. 0.0.0
SM41NE SILICONMITUS-SM41NE Datasheet
337Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, Positive / Negative Charge Pumps, Buck, LDO, VCOM Calibrator, OP Amp, 4-Ch. Gamma Buffers and GPM
Februay 2018 Rev. 0.0.0
SM4405 SILICONMITUS-SM4405 Datasheet
268Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, VGL Negative Charge-Pump, Two Bucks, LDO, HAVDD Linear Regulator, OP-Amp, VCOM Calibrator with Dual Banks, 14-Ch. Gamma Buffers with Dual Banks and GPM
December 2017 Rev. 0.0.0
SM4801 SILICONMITUS-SM4801 Datasheet
273Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, Two Bucks, LDO, Two Negative Charge-Pumps, OP-Amp, VCOM Calibrator and GPM
December 2017 Rev. 0.0.0
SM4802 SILICONMITUS-SM4802 Datasheet
268Kb / 1P
TV LCD Panel PMIC with AVDD Boost, HAVDD Regulator, Two Bucks, VGH Boost, VGL Buck-boost, Negative Linear Regulator
December 2017 Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com