Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B92 Datasheet (PDF) - Apacer Technology Inc.

B92 Datasheet PDF - Apacer Technology Inc.
Part # B92
Download  B92 Download
File Size   1529.41 Kbytes
Page   24 Pages
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.
Description PCI Express Flash Drive PV910-M280 Product Specifications

B92 Datasheet (PDF)

Go To PDF Page Download Datasheet
B92 Datasheet PDF - Apacer Technology Inc.

Part # B92
Download  B92 Click to download

File Size   1529.41 Kbytes
Page   24 Pages
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.
Description PCI Express Flash Drive PV910-M280 Product Specifications

B92 Datasheet (HTML) - Apacer Technology Inc.


B92 Product details

Specifications Overview:
 PCIe Interface
– Compliant with NVMe 1.3
– Compatible with PCIe Gen3 x2 interface
 Capacity
– Single side: 120, 240, 480 GB
– Double side: 960 GB
 Performance*
– Interface burst read/write: 2 GB/sec
– Sequential read: up to 1,775 MB/sec
– Sequential write: up to 1,295 MB/sec
– Random read (4K): up to 130,000 IOPS
– Random write (4K): up to 130,000 IOPS
 Temperature Range
– Operating:
Standard: 0°C to 70°C
Wide: -40°C to 85°C
– Storage: -40°C to 100°C
 Supply Voltage
– 3.3 V ± 5%
 Power Consumption*
– Active mode: 755 mA
– Idle mode: 145 mA
 Connector Type
– 75-pin M.2 module pinout




Similar Part No. - B92

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9200 EPCOS-B9200 Datasheet
89Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960,0 MHz
B9201 EPCOS-B9201 Datasheet
89Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9202 EPCOS-B9202 Datasheet
85Kb / 7P
Low-Loss Dual Band Filter for Mobile Communication
B9203 EPCOS-B9203 Datasheet
85Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 1960 / 881,5 MHz
logo
Mechatronics, Inc.
B9232-S MECHATRONICS-B9232-S Datasheet
474Kb / 1P
UL94V-0 PBT impeller & frame
More results


Similar Description - B92

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI6C557-03 PERICOM-PI6C557-03 Datasheet
468Kb / 8P
PCI Express Clock
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
PCI & MINI PCI EXPRESS
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
PCI Express
87715-9X00 MOLEX-87715-9X00 Datasheet
173Kb / 2P
PCI Express* connector
logo
PLX Technology
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
PCI Express to PCI Bridge
logo
List of Unclassifed Man...
APS1845064G-CCM ETC2-APS1845064G-CCM Datasheet
764Kb / 20P
Serial ATA Flash Drive SAFD18S4 -M Product Specifications
logo
ADL Embedded Solutions
ADLGS45PC ADL-ADLGS45PC_16 Datasheet
643Kb / 2P
PCI/104-Express
logo
Contec Co., Ltd
EAD-CE-LPE CONTEC-EAD-CE-LPE Datasheet
216Kb / 2P
Cabled PCI Express PCI Express bus slot Expansion Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com