Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B92 Datasheet(PDF) 2 Page - Apacer Technology Inc.

Part # B92
Description  PCI Express Flash Drive PV910-M280 Product Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

B92 Datasheet(HTML) 2 Page - Apacer Technology Inc.

  B92 Datasheet HTML 1Page - Apacer Technology Inc. B92 Datasheet HTML 2Page - Apacer Technology Inc. B92 Datasheet HTML 3Page - Apacer Technology Inc. B92 Datasheet HTML 4Page - Apacer Technology Inc. B92 Datasheet HTML 5Page - Apacer Technology Inc. B92 Datasheet HTML 6Page - Apacer Technology Inc. B92 Datasheet HTML 7Page - Apacer Technology Inc. B92 Datasheet HTML 8Page - Apacer Technology Inc. B92 Datasheet HTML 9Page - Apacer Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1
© 2021 Apacer Technology Inc.
Specifications Overview:
PCIe Interface
– Compliant with NVMe 1.3
– Compatible with PCIe Gen3 x2 interface
Capacity
– Single side: 120, 240, 480 GB
– Double side: 960 GB
Performance*
– Interface burst read/write: 2 GB/sec
– Sequential read: up to 1,775 MB/sec
– Sequential write: up to 1,295 MB/sec
– Random read (4K): up to 130,000 IOPS
– Random write (4K): up to 130,000 IOPS
Flash Management
– Low-Density Parity-Check (LDPC) Code
– Global Wear Leveling
– Flash bad-block management
– Flash Translation Layer: Page Mapping
– Power Failure Management
– S.M.A.R.T.
– TRIM
– Hyper Cache Technology
– Over-Provisioning
– SMART Read RefreshTM
– NVMe Secure Erase
NVMe Features**
– Supports HMB (Host Memory Buffer)
NAND Flash Type: 3D TLC (BiCS3)
MTBF: >3,000,000 hours
Endurance (in drive writes per day: DWPD)
– 120 GB: 3 DWPD
– 240 GB: 2.98 DWPD
– 480 GB: 2.94 DWPD
– 960 GB: 2.79 DWPD
Temperature Range
– Operating:
Standard: 0°C to 70°C
Wide: -40°C to 85°C
– Storage: -40°C to 100°C
Supply Voltage
– 3.3 V ± 5%
Power Consumption*
– Active mode: 755 mA
– Idle mode: 145 mA
Connector Type
– 75-pin M.2 module pinout
Form Factor
– M.2 2280-D5-B-M Key
– Dimensions:
Single side: 22.00 x 80.00 x 2.38, unit: mm
Double side: 22.00 x 80.00 x 3.88, unit: mm
– Net Weight: 6.61g ± 5%
Security
– AES 256-bit hardware encryption
– Signed Firmware
Reliability
– Thermal Sensor
– Thermal Throttling
– End-to-End Data Protection
Power Management
– Supports APST
– Supports ASPM L1.2
LED Indicators for Drive Behavior
RoHS Compliant
*Varies from capacities. The values for performances and power consumptions presented are typical and may vary depending
on flash configurations or platform settings.
**Windows 10 (version 1703) onwards supports the HMB (Host Memory Buffer) function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com