Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B92 Datasheet(PDF) 21 Page - Apacer Technology Inc.

Part # B92
Description  PCI Express Flash Drive PV910-M280 Product Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

B92 Datasheet(HTML) 21 Page - Apacer Technology Inc.

Back Button B92 Datasheet HTML 16Page - Apacer Technology Inc. B92 Datasheet HTML 17Page - Apacer Technology Inc. B92 Datasheet HTML 18Page - Apacer Technology Inc. B92 Datasheet HTML 19Page - Apacer Technology Inc. B92 Datasheet HTML 20Page - Apacer Technology Inc. B92 Datasheet HTML 21Page - Apacer Technology Inc. B92 Datasheet HTML 22Page - Apacer Technology Inc. B92 Datasheet HTML 23Page - Apacer Technology Inc. B92 Datasheet HTML 24Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
20
© 2021 Apacer Technology Inc.
11. Product Ordering Information
11.1 Product Code Designations
Code
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
B
9
2
.
9
1
5
X
X
X
.
0
0
2
0
4
Code 1-3
(Product Line & form factor)
PCIe M.2 2280
Code 5-6
(Model/Solution)
PV910-M280
Code 7-8
(Product Capacity)
5H: 120GB
5J: 240GB
5K: 480GB
5L: 960GB
Code 9
(Flash Type & Product Temp)
G: 3D TLC Standard Temperature
H: 3D TLC Wide Temperature
Code 10
(Product Spec)
A: Single side B+M key
B: Double side B+M key
Code 12-14
(Version Number)
Random numbers generated by system
Code 15-16
(Firmware Version)
04: Thermal Sensor + OP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com