Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B92 Datasheet(PDF) 18 Page - Apacer Technology Inc.

Part # B92
Description  PCI Express Flash Drive PV910-M280 Product Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

B92 Datasheet(HTML) 18 Page - Apacer Technology Inc.

Back Button B92 Datasheet HTML 14Page - Apacer Technology Inc. B92 Datasheet HTML 15Page - Apacer Technology Inc. B92 Datasheet HTML 16Page - Apacer Technology Inc. B92 Datasheet HTML 17Page - Apacer Technology Inc. B92 Datasheet HTML 18Page - Apacer Technology Inc. B92 Datasheet HTML 19Page - Apacer Technology Inc. B92 Datasheet HTML 20Page - Apacer Technology Inc. B92 Datasheet HTML 21Page - Apacer Technology Inc. B92 Datasheet HTML 22Page - Apacer Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
17
© 2021 Apacer Technology Inc.
9. Electrical Specifications
9.1 Operating Voltage
Table 9-1 lists the supply voltage for PV910-M280.
Table 9-1 Operating Range
Item
Range
Supply Voltage
3.3V ± 5%
9.2 Power Consumption
Table 9-2 lists the power consumption for PV910-M280.
Table 9-2 Power Consumption
Capacity
Mode
120 GB
240 GB
480 GB
960 GB
Active (mA)
595
645
680
755
Idle (mA)
145
145
145
145
Note:
*All values are typical and may vary depending on flash configurations or host system settings.
**Active power is an average power measurement performed using CrystalDiskMark with 128KB sequential read/write transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com