Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B92 Datasheet(PDF) 9 Page - Apacer Technology Inc.

Part # B92
Description  PCI Express Flash Drive PV910-M280 Product Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

B92 Datasheet(HTML) 9 Page - Apacer Technology Inc.

Back Button B92 Datasheet HTML 5Page - Apacer Technology Inc. B92 Datasheet HTML 6Page - Apacer Technology Inc. B92 Datasheet HTML 7Page - Apacer Technology Inc. B92 Datasheet HTML 8Page - Apacer Technology Inc. B92 Datasheet HTML 9Page - Apacer Technology Inc. B92 Datasheet HTML 10Page - Apacer Technology Inc. B92 Datasheet HTML 11Page - Apacer Technology Inc. B92 Datasheet HTML 12Page - Apacer Technology Inc. B92 Datasheet HTML 13Page - Apacer Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
8
© 2021 Apacer Technology Inc.
4.4 Mean Time Between Failures (MTBF)
Mean Time Between Failures (MTBF) is predicted based on reliability data for the individual
components in PV910-M280. The prediction result for PV910-M280 is more than 3,000,000 hours.
Note: The MTBF is predicated and calculated based on
“Telcordia Technologies Special Report, SR-
332, Issue 3
” method.
4.5 Certification and Compliance
PV910-M280 complies with the following standards:
FCC
CE
RoHS
MIL-STD-810G
4.6 Endurance
The endurance of a storage device is predicted by Drive Writes Per Day based on several factors
related to usage, such as the amount of data written into the drive, block management conditions, and
daily workload for the drive. Thus, key factors, such as Write Amplifications and the number of P/E
cycles, can influence the lifespan of the drive.
Table 4-4 Drive Writes Per Day
Capacity
Drive Writes Per Day
120 GB
3
240 GB
2.98
480 GB
2.94
960 GB
2.79
Note:
This estimation complies with JEDEC JESD-219, enterprise endurance workload of random data
with payload size distribution..
Flash vendor guaranteed 3D NAND TLC P/E cycle: 3K
WAF may vary from capacity, flash configurations and writing behavior on each platform.
1 Terabyte = 1,024GB
DWPD (Drive Writes Per Day) is calculated based on the number of times that user overwrites
the entire capacity of an SSD per day of its lifetime during the warranty period. (3D NAND TLC
warranty: 2 years)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com