Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B92 Datasheet(PDF) 7 Page - Apacer Technology Inc.

Part # B92
Description  PCI Express Flash Drive PV910-M280 Product Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

B92 Datasheet(HTML) 7 Page - Apacer Technology Inc.

Back Button B92 Datasheet HTML 3Page - Apacer Technology Inc. B92 Datasheet HTML 4Page - Apacer Technology Inc. B92 Datasheet HTML 5Page - Apacer Technology Inc. B92 Datasheet HTML 6Page - Apacer Technology Inc. B92 Datasheet HTML 7Page - Apacer Technology Inc. B92 Datasheet HTML 8Page - Apacer Technology Inc. B92 Datasheet HTML 9Page - Apacer Technology Inc. B92 Datasheet HTML 10Page - Apacer Technology Inc. B92 Datasheet HTML 11Page - Apacer Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
6
© 2021 Apacer Technology Inc.
Table 3-1 Pin Assignments
Pin No.
Type
Description
30
N/C (WP)
Default: No connect*
31
PETp1
PCIe TX Differential signal defined by the PCI Express M.2 spec
32
N/C
No connect*
33
GND
Ground
34
N/C
No connect*
35
PERn1
PCIe RX Differential signal defined by the PCI Express M.2 spec
36
N/C
No connect*
37
PERp1
PCIe RX Differential signal defined by the PCI Express M.2 spec
38
N/C
No connect*
39
GND
Ground
40
N/C
No connect*
41
PETn0
PCIe TX Differential signal defined by the PCI Express M.2 spec
42
N/C
No connect*
43
PETp0
PCIe TX Differential signal defined by the PCI Express M.2 spec
44
N/C
No connect*
45
GND
Ground
46
N/C
No connect*
47
PERn0
PCIe RX Differential signal defined by the PCI Express M.2 spec
48
N/C
No connect*
49
PERp0
PCIe RX Differential signal defined by the PCI Express M.2 spec
50
PERST#(I)(0/3.3V)
PE-Reset is a functional reset to the card as
defined by the PCIe Mini CEM specification.
51
GND
Ground
52
CLKREQ#(I/O)(0/3.3
V)
Clock Request is a reference clock request signal as defined by the PCIe
Mini CEM specification; Also used by L1 PM Sub-states.
53
REFCLKn
PCIe Reference Clock signals (100 MHz)
defined by the PCI Express M.2 spec.
54
N/C
No connect*
55
REFCLKp
PCIe Reference Clock signals (100 MHz)
defined by the PCI Express M.2 spec.
56
N/C
No connect*
57
GND
Ground
58
N/C
No connect*
59
Module Key M
Module Key
60
Module Key M
61
Module Key M
62
Module Key M
63
Module Key M
64
Module Key M
65
Module Key M
66
Module Key M
67
N/C (Erase)
Default: No connect*
68
N/C
No connect*
69
NC
CONFIG_1 = No connect*
70
3.3V
3.3V source
71
GND
Ground
72
3.3V
3.3V source
73
GND
Ground
74
3.3V
3.3V source
75
GND
CONFIG_2 = Ground
*Reserved by Apacer, please do not connect on a host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com