Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG799A Datasheet (PDF) - Analog Devices

ADG799A Datasheet PDF - Analog Devices
Part # ADG799A
Download  ADG799A Download
File Size   573.44 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch

ADG799A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG799A Datasheet PDF - Analog Devices

Part # ADG799A
Download  ADG799A Click to download

File Size   573.44 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch

ADG799A Datasheet (HTML) - Analog Devices


ADG799A Product details

GENERAL DESCRIPTION
The ADG799A/ADG799G are monolithic CMOS devices comprising three 2 × 2 crosspoint switches controllable via a standard I2C serial interface. The CMOS process provides ultralow power dissipation, yet offers high switching speed and low on resistance.
The on resistance profile is very flat over the full analog input range and wide bandwidth ensures excellent linearity and low distortion. These features, combined with a wide input signal range, make the ADG799A/ADG799G the ideal switching solution for a wide range of TV applications including RGB and YPbPr video switches for picture-in picture applications.

FEATURES
   Bandwidth: 230 MHz
   Low insertion loss and on resistance: 2.6 Ω typical
   On resistance flatness: 0.3 Ω typical
   Single 3 V/5 V supply operation
   3.3 V analog signal range (5 V supply, 75 Ω load)
   Low quiescent supply current: 1 nA typical
   Fast switching times: tON =184 ns, tOFF = 180 ns
   I2C-compatible interface
   Compact 24-lead LFCSP
   Two I2C-controllable logic outputs (ADG799G only)
   ESD protection
      4 kV human body model
      200 V machine model
      1 kV field-induced charged device model

APPLICATIONS
   RGB/YPbPr video switches
   HDTV
   Projection TV
   DVD-R/RW
   AV receivers




Similar Part No. - ADG799A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG799A AD-ADG799A_15 Datasheet
574Kb / 24P
Wide Bandwidth, Triple 2 2 Crosspoint Switch
REV. 0
More results


Similar Description - ADG799A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
2 X 2 PROTECTION CROSSPOINT SWITCH
logo
Analog Devices
ADG791A AD-ADG791A Datasheet
567Kb / 24P
IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
7/06-Revision 0
ADG792A AD-ADG792A Datasheet
568Kb / 24P
IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
7/06-Revision 0
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
2 x 2 Protection Crosspoint Switch
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
2 x 2 Protection Crosspoint Switch
SY58024U_0708 MICREL-SY58024U_0708 Datasheet
142Kb / 11P
ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
Gigabit 2 횞 2 CROSSPOINT SWITCH
logo
Analog Devices
ADG799A AD-ADG799A_15 Datasheet
574Kb / 24P
Wide Bandwidth, Triple 2 2 Crosspoint Switch
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com