Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG799A Datasheet(PDF) 4 Page - Analog Devices

Part # ADG799A
Description  IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG799A Datasheet(HTML) 4 Page - Analog Devices

  ADG799A Datasheet HTML 1Page - Analog Devices ADG799A Datasheet HTML 2Page - Analog Devices ADG799A Datasheet HTML 3Page - Analog Devices ADG799A Datasheet HTML 4Page - Analog Devices ADG799A Datasheet HTML 5Page - Analog Devices ADG799A Datasheet HTML 6Page - Analog Devices ADG799A Datasheet HTML 7Page - Analog Devices ADG799A Datasheet HTML 8Page - Analog Devices ADG799A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADG799A/ADG799G
Rev. 0 | Page 4 of 24
Parameter
Conditions
Min
Typ1
Max
Unit
GPO1 and GPO2 Pins
Output Low Voltage, VOL
ILOAD = 2 mA
0.4
V
Output High Voltage, VOH
ILOAD = −2 mA
2.0
V
POWER REQUIREMENTS
IDD
Digital inputs = 0 V or VDD, I2C interface
inactive
0.001
1
μA
I2C interface active, fSCL = 400 kHz
0.2
mA
I2C interface active, fSCL = 3.4 MHz
0.7
mA
1 All typical values are at TA = +25°C, unless otherwise stated.
2 Guaranteed by initial characterization, not subject to production test.
3 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com