Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG799A Datasheet(PDF) 20 Page - Analog Devices

Part # ADG799A
Description  IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG799A Datasheet(HTML) 20 Page - Analog Devices

Back Button ADG799A Datasheet HTML 16Page - Analog Devices ADG799A Datasheet HTML 17Page - Analog Devices ADG799A Datasheet HTML 18Page - Analog Devices ADG799A Datasheet HTML 19Page - Analog Devices ADG799A Datasheet HTML 20Page - Analog Devices ADG799A Datasheet HTML 21Page - Analog Devices ADG799A Datasheet HTML 22Page - Analog Devices ADG799A Datasheet HTML 23Page - Analog Devices ADG799A Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADG799A/ADG799G
Rev. 0 | Page 20 of 24
EVALUATION BOARD
The EVAL-ADG799GEB allows designers to evaluate the high
performance of the device with minimum effort.
The evaluation kit includes a printed circuit board populated
with the ADG799G. The evaluation board can be used to
evaluate the performance of both the ADG799A and
ADG799G. It interfaces to the USB port of a PC, or it can be
used as a standalone evaluation board. Software is available with
the evaluation board that allows the user to easily program the
ADG799G through the USB port. Schematics of the evaluation
board are shown in Figure 33 and Figure 34. The software runs
on any PC with Microsoft® Windows® 2000 or Windows XP and
a minimum screen resolution of 1200 × 768.
USING THE ADG799G EVALUATION BOARD
The ADG799G evaluation kit is a test system designed
to simplify the evaluation of the device. Each input/output
of the part comes with a socket specifically chosen for easy
audio/video evaluation. A data sheet is also available with the
evaluation board offering full information on how to operate
the evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com