Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG799A Datasheet(PDF) 5 Page - Analog Devices

Part # ADG799A
Description  IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG799A Datasheet(HTML) 5 Page - Analog Devices

  ADG799A Datasheet HTML 1Page - Analog Devices ADG799A Datasheet HTML 2Page - Analog Devices ADG799A Datasheet HTML 3Page - Analog Devices ADG799A Datasheet HTML 4Page - Analog Devices ADG799A Datasheet HTML 5Page - Analog Devices ADG799A Datasheet HTML 6Page - Analog Devices ADG799A Datasheet HTML 7Page - Analog Devices ADG799A Datasheet HTML 8Page - Analog Devices ADG799A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADG799A/ADG799G
Rev. 0 | Page 5 of 24
VDD = 3 V ± 10%, GND = 0 V, TA = −40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ1
Max
Unit
ANALOG SWITCH
Analog Signal Range2
VS = VDD, RL = 1 MΩ
0
2.2
V
VS = VDD, RL = 75 Ω
0
1.7
V
On Resistance, RON
VD = 0 V, IDS = −10 mA, see Figure 22
3
5.5
Ω
VD = 0 V to 1 V, IDS = −10 mA, see Figure 22
8
Ω
On Resistance Matching Between Channels, ∆RON
VD = 0 V, IDS = −10 mA
0.15
1.8
Ω
VD = 1 V, IDS = −10 mA
2.1
Ω
On Resistance Flatness, RFLAT(ON)
VD = 0 V to 1 V, IDS = −10 mA
0.3
2.8
Ω
LEAKAGE CURRENTS
Source Off Leakage (IS(OFF))
VD = 2 V/1 V, VS = 1 V/2 V, see Figure 23
±0.25
nA
Drain Off Leakage (ID(OFF))
VD = 2 V/1 V, VS = 1 V/2 V, see Figure 23
±0.25
nA
Channel On Leakage (ID(ON), IS(ON))
VD = VS = 2 V/1 V, see Figure 24
±0.25
nA
DYNAMIC CHARACTERISTICS3
tON, tENABLE
CL = 35 pF, RL = 50 Ω, VS = 2 V, see Figure 28
203
266
ns
tOFF, tDISABLE
CL = 35 pF, RL = 50 Ω, VS = 2 V, see Figure 28
200
260
ns
Break-Before-Make Time Delay, tD
CL = 35 pF, RL = 50 Ω, VS1 = VS2 = 2 V,
see Figure 29
1
3
ns
I2C to GPO Propagation Delay, tH, tL
(ADG799G only)
121
ns
Off Isolation
f = 10 MHz, RL = 50 Ω, see Figure 26
−60
dB
Channel-to-Channel Crosstalk
f = 10 MHz, RL = 50 Ω, see Figure 27
Same Crosspoint Switch
−50
dB
Different Crosspoint Switch
−80
dB
−3 dB Bandwidth
RL = 50 Ω, see Figure 15
210
MHz
THD + N
RL = 100 Ω
0.14
%
Charge Injection
CL = 1 nF, VS = 0 V, see Figure 30
2
pC
CS(OFF)
13
pF
CD(OFF)
17
pF
CD(ON), CS(ON)
35
pF
Power Supply Rejection Ratio, PSRR
f = 20 kHz
70
dB
Differential Gain Error
CCIR330 test signal
0.66
%
Differential Phase Error
CCIR330 test signal
1
Degrees
LOGIC INPUTS
A0, A1, A2 Pins3
Input High Voltage, VINH
2.0
V
Input Low Voltage, VINL
0.8
V
Input Current, IINL or IINH
VIN = 0 V to VDD
+0.005
±1
μA
Input Capacitance, CIN
3
pF
SCL, SDA Pins3
Input High Voltage, VINH
0.7 × VDD
VDD + 0.3
V
Input Low Voltage, VINL
−0.3
+0.3 × VDD
V
Input Leakage Current, IIN
VIN = 0 V to VDD
0.005
±1
μA
Input Hysteresis
0.05 × VDD
V
Input Capacitance, CIN
3
pF
LOGIC OUTPUTS3
SDA Pin
Output Low Voltage, VOL
ISINK = 3 mA
0.4
V
ISINK = 6 mA
0.6
V
Floating State Leakage Current
±1
μA
Floating State Output Capacitance
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com