Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG799A Datasheet(PDF) 10 Page - Analog Devices

Part # ADG799A
Description  IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG799A Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG799A Datasheet HTML 6Page - Analog Devices ADG799A Datasheet HTML 7Page - Analog Devices ADG799A Datasheet HTML 8Page - Analog Devices ADG799A Datasheet HTML 9Page - Analog Devices ADG799A Datasheet HTML 10Page - Analog Devices ADG799A Datasheet HTML 11Page - Analog Devices ADG799A Datasheet HTML 12Page - Analog Devices ADG799A Datasheet HTML 13Page - Analog Devices ADG799A Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADG799A/ADG799G
Rev. 0 | Page 10 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
NC
2
S1A
3
D1A
4
D1B
5
S1B
6
NC
15 D3A
16 D3B
17 S3A
18 A2
14 S3B
13 NC
ADG799A
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD MUST BE TIED TO GND.
Figure 3. ADG799A Pin Configuration
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD MUST BE TIED TO GND.
1
NC
2
S1A
3
D1A
4
D1B
5
S1B
6
GPO2
15 D3A
16 D3B
17 S3A
18 A2
14 S3B
13 NC
ADG799G
TOP VIEW
(Not to Scale)
Figure 4. ADG799G Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
NC
Not internally connected.
2
S1A
A-Side Source Terminal for Crosspoint Switch 1. Can be an input or output.
3
D1A
A-Side Drain Terminal for Crosspoint Switch 1. Can be an input or output.
4
D1B
B-Side Drain Terminal for Crosspoint Switch 1. Can be an input or output.
5
S1B
B-Side Source Terminal for Crosspoint Switch 1. Can be an input or output.
6
NC/GPO2
Not internally connected (for the ADG799A) / General-Purpose Logic Output 2 (for the ADG799G).
7
NC
Not internally connected.
8
S2A
A-Side Source Terminal for Crosspoint Switch 2. Can be an input or output.
9
D2A
A-Side Drain Terminal for Crosspoint Switch 2. Can be an input or output.
10
D2B
B-Side Drain Terminal for Crosspoint Switch 2. Can be an input or output.
11
S2B
B-Side Source Terminal for Crosspoint Switch 2. Can be an input or output.
12
NC/GPO1
Not internally connected (for the ADG799A) / General-Purpose Logic Output 1 (for the ADG799G).
13
NC
Not internally connected.
14
S3B
B-Side Source Terminal for Crosspoint Switch 3. Can be an input or output.
15
D3A
A-Side Drain Terminal for Crosspoint Switch 3. Can be an input or output
16
D3B
B-Side Drain Terminal for Crosspoint Switch 3. Can be an input or output.
17
S3A
A-Side Source Terminal for Crosspoint Switch 3. Can be an input or output.
18
A2
Logic Input. Sets Bit A2 from the least significant bits of the 7-bit slave address.
19
A1
Logic Input. Sets Bit A1 from the least significant bits of the 7-bit slave address.
20
A0
Logic Input. Sets Bit A0 from the least significant bits of the 7-bit slave address.
21
SCL
Digital Input, Serial Clock Line. Open drain input used in conjunction with SDA to clock data into the device.
External pull-up resistor required.
22
SDA
Digital Input/Output. Bidirectional open drain data line. External pull-up resistor required.
23
VDD
Positive Power Supply Input.
24
GND
Ground (0 V) Reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com