Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5100EVAL Datasheet (PDF) - Analog Devices

AD5100EVAL Datasheet PDF - Analog Devices
Part # AD5100EVAL
Download  AD5100EVAL Download
File Size   479.6 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions

AD5100EVAL Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5100EVAL Datasheet PDF - Analog Devices

Part # AD5100EVAL
Download  AD5100EVAL Click to download

File Size   479.6 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions

AD5100EVAL Datasheet (HTML) - Analog Devices


AD5100EVAL Product details

GENERAL DESCRIPTION
The AD5100 is a programmable system-management IC that combines 4-channel of voltage monitoring and a watchdog supervision that can be used to shutdown external supplies, reset processors, or disable any other system electronics when the systems malfunction. The AD5100 can also be used to protect system under faulty condition of improper devices power up sequencing. The AD5100 can monitor two 30V inputs with shutdown and reset controls, one 2.5V-5.0V and one 0.9V-3.3V monitoring inputs with reset control, a robust watchdog reset controller. Most monitoring input thresholds and timing settings can be programmed on the fly or permanently set in the factory with the OTP feature.

FEATURES
• Two Device-Enabling Outputs with Six Programmable Monitoring Inputs (Table 1)
    o Two 30V Monitoring Inputs with Shutdown Control of External Devices:
        ◾ Programmable Over-voltage, Under-voltage, Turn-on, Turn-off Thresholds, and Shutdown timings
        ◾ Shutdown Warning with Fault Detection
    o Two 5V Monitoring Inputs with Reset Control of External Devices:
        ◾ Programmable Reset Thresholds and Hold Time
    o Two Supervisory Functions:
        ◾ Watchdog Reset Controller with Programmable Timeout and Selectable Floating Input
        ◾ Manual Reset Control for External Devices
• Digital Interface and Programmability:
    o I2C® Compatible Interface
    o OTP1 for Permanent Threshold and Timing Settings
    o OTP Overwritten Capable for Dynamic Adjustments
    o Power Up by Edge Triggered Signal
    o Power Down by I2C Software
• Operating Range:
    o Supply Voltage 6.0V to 30V
    o Temp Range -40°C to +125°C
    o Low Shutdown Current: 10μA
• High-Voltage-Input Anti-migration Shielding Pinouts

APPLICATIONS
• Automotive Systems
• Network Equipment
• Computers, Controllers, and Embedded Systems




Similar Part No. - AD5100EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
694Kb / 36P
System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100YRQZ AD-AD5100YRQZ Datasheet
694Kb / 36P
System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
694Kb / 36P
System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
More results


Similar Description - AD5100EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
System Power Management and Protection IC with PMBus?
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
LM5066 High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
High Voltage System Power Management and Protection IC with PMBus
logo
Analog Devices
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
logo
Texas Instruments
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
System Power Management and Protection IC With PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
System Power Management and Protection IC
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
Negative Voltage System Power Management and Protection IC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com