Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5100EVAL Datasheet(PDF) 1 Page - Analog Devices

Part # AD5100EVAL
Description  System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100EVAL Datasheet(HTML) 1 Page - Analog Devices

  AD5100EVAL Datasheet HTML 1Page - Analog Devices AD5100EVAL Datasheet HTML 2Page - Analog Devices AD5100EVAL Datasheet HTML 3Page - Analog Devices AD5100EVAL Datasheet HTML 4Page - Analog Devices AD5100EVAL Datasheet HTML 5Page - Analog Devices AD5100EVAL Datasheet HTML 6Page - Analog Devices AD5100EVAL Datasheet HTML 7Page - Analog Devices AD5100EVAL Datasheet HTML 8Page - Analog Devices AD5100EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
System-Management IC with Programmable Quad
Voltage Monitoring and Supervisory Functions
Preliminary Technical Data
AD5100
Rev. PrJ
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
• Two Device-Enabling Outputs with Six Programmable
Monitoring Inputs (Table 1)
o
Two 30V Monitoring Inputs with Shutdown Control of
External Devices:
Programmable Over-voltage, Under-voltage,
Turn-on, Turn-off Thresholds, and Shutdown
timings
Shutdown Warning with Fault Detection
o
Two 5V Monitoring Inputs with Reset Control of External
Devices:
Programmable Reset Thresholds and Hold Time
o
Two Supervisory Functions:
Watchdog Reset Controller with Programmable
Timeout and Selectable Floating Input
Manual Reset Control for External Devices
• Digital Interface and Programmability:
o
I2C
®
Compatible Interface
o
OTP1 for Permanent Threshold and Timing Settings
o
OTP Overwritten Capable for Dynamic Adjustments
o
Power Up by Edge Triggered Signal
o
Power Down by I2C Software
• Operating Range:
o
Supply Voltage 6.0V to 30V
o
Temp Range -40oC to +125oC
o
Low Shutdown Current: 10μA
• High-Voltage-Input Anti-migration Shielding Pinouts
APPLICATIONS
•
Automotive Systems
•
Network Equipment
•
Computers, Controllers, and Embedded Systems
GENERAL DESCRIPTION
The AD5100 is a programmable system-management IC that
combines 4-channel of voltage monitoring and a watchdog
supervision that can be used to shutdown external supplies,
reset processors, or disable any other system electronics when
the systems malfunction. The AD5100 can also be used to
protect system under faulty condition of improper devices
power up sequencing. The AD5100 can monitor two 30V inputs
with shutdown and reset controls, one 2.5V-5.0V and one 0.9V-
3.3V monitoring inputs with reset control, a robust watchdog
reset controller. Most monitoring input thresholds and timing
settings can be programmed on the fly or permanently set in
the factory with the OTP feature.
The AD5100 is versatile for system-monitoring applications
where critical μP, DSP, and embedded systems operate under
harsh conditions such as automotive, industrial, or
communications network environments.
The AD5100 is available in compact QSOP-16 and can operate
in an extended automotive temperature range from -40oC to
+125oC.
1.One Time Programmable EPROM – Unlimited Adjustment Before OTP Execution.
2 With Programmable Threshold and Programmable Delay.
Table 1. AD5100 General Inputs and Output Information
Input
Monitoring
Range2
Shutdown
Control
Reset
Cont
rol
Fault
Dete
ctio
n
V1MON
6 – 30 V
√
√
√
V2MON
3 – 30 V
√
√
√
V3MON
2.5 – 5.0 V
√
√
V4MON
0.9 – 3.3 V
√
√
WDI
0 – 5 V
√
√
MR
0 – 5 V
√


Similar Part No. - AD5100EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
694Kb / 36P
System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100YRQZ AD-AD5100YRQZ Datasheet
694Kb / 36P
System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
694Kb / 36P
System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
More results

Similar Description - AD5100EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
System Power Management and Protection IC with PMBus?
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
LM5066 High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
High Voltage System Power Management and Protection IC with PMBus
logo
Analog Devices
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
logo
Texas Instruments
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
System Power Management and Protection IC With PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
System Power Management and Protection IC
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
Negative Voltage System Power Management and Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com