Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5100EVAL Datasheet(PDF) 10 Page - Analog Devices

Part # AD5100EVAL
Description  System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100EVAL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5100EVAL Datasheet HTML 6Page - Analog Devices AD5100EVAL Datasheet HTML 7Page - Analog Devices AD5100EVAL Datasheet HTML 8Page - Analog Devices AD5100EVAL Datasheet HTML 9Page - Analog Devices AD5100EVAL Datasheet HTML 10Page - Analog Devices AD5100EVAL Datasheet HTML 11Page - Analog Devices AD5100EVAL Datasheet HTML 12Page - Analog Devices AD5100EVAL Datasheet HTML 13Page - Analog Devices AD5100EVAL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5100
Preliminary Technical Data
Rev. PrJ | Page 10 of 32
THEORY OF OPERATION
The AD5100 is a Programmable System Management IC that
has four channels of monitoring inputs. Two inputs have high
voltage (30V) capability. For example if the AD5100 is used in
the automotive application, the V1MON (Monitoring Input 1)
should be the battery and the V2MON should either be the
ignition switch or the pseudo CAN bus wake up signal input.
Two other inputs, V3MON and V4MON, are low voltage for 0.9V,
1.8V, 2.5V, 3.3V, or 5V monitoring. The two high voltage inputs
control the shutdown signal, SHDN , while the two low voltage
inputs control the reset signal, RESET . The SHDN and RESET
are both disabling functions for the external devices. The
differences are output levels and driving capabilities that will be
described later. In some cases the SHDN and RESET may be
used interchangeably. The WDI (Watchdog) and MR (Manual
Reset) inputs also control RESET output for external digital
processor. Figure 4 shows the general flow chart and Table 7
summarizes the AD5100 functions and features.
* See Table 9 RESET Configuration Register:
If [0] = 0, then SHDN =0 and RESET = 0
If [0] = 1, then SHDN =0 and RESET = 1
V
1MON>UV
yes
No
SHDN=0*
V
1MON<OV
yes
SHDN=0*
V
2MON>ON
yes
No
SHDN=0
V
2MON>OFF
yes
SHDN=0
No
V
3MON>
Threshold
yes
No
RESET=0
V
4MON>
Threshold
yes
RESET=0
Valid WDI
yes
No
RESET=0
MR=1
yes
RESET=0
No
No
No
V
2MON
Level
Sensitive
Selected
yes
Using V
4OUT
for PWM
yes
No
V
4MON>
Threshold
yes
V
4OUT=0
No
V
4OUT=1
Standard
WDI Selected
yes
No (Advance WDI Selected)
Continue
Monitoring
Valid WDI
No
RESET=0
SHDN=0
yes
No (V
2MON Rising Edge Sensitive Selected)
Floating
WDI Disabled
yes
No
Floating WDI
No
RESET=0
yes
V
4MON
Disabled
yes
No
Default Paths
SHDN=1
* See Table 9 RESET Configuration Register:
If [0] = 0, then SHDN =0 and RESET = 0
If [0] = 1, then SHDN =0 and RESET = 1
V
1MON>UV
yes
No
SHDN=0*
V
1MON<OV
yes
SHDN=0*
V
2MON>ON
yes
No
SHDN=0
V
2MON>OFF
yes
SHDN=0
No
V
3MON>
Threshold
yes
No
RESET=0
V
4MON>
Threshold
yes
RESET=0
Valid WDI
yes
No
RESET=0
MR=1
yes
RESET=0
No
No
No
V
2MON
Level
Sensitive
Selected
yes
Using V
4OUT
for PWM
yes
No
V
4MON>
Threshold
yes
V
4OUT=0
No
V
4OUT=1
Standard
WDI Selected
yes
No (Advance WDI Selected)
Continue
Monitoring
Valid WDI
No
RESET=0
SHDN=0
yes
No (V
2MON Rising Edge Sensitive Selected)
Floating
WDI Disabled
yes
No
Floating WDI
No
RESET=0
yes
V
4MON
Disabled
yes
No
Default Paths
SHDN=1
Figure 4. General Flow Chart
Table 7. AD5100 Functions and Features
Input
Monitoring
Range
Shutdown
Control
Reset
Cont
rol
Fault
Dete
ction
Functions and Features
If Not Used
V1MON
6 – 30 V
√
√
√
Over/Under Voltage
Does not apply
V2MON
3 – 30 V
√
√
√
On/Off Voltage
Tie to V1MON, Min Input
CAN Bus Wake Up
V3MON
2.5 – 5.0 V
√
√
Connect to VOTP and
Threshold to Minimum
V4MON
0.9 – 3.3 V
√
√
Additional Output
Select Disable in Threshold
WDI
0 – 5 V
√
√
Standard, Advance, or
Leave Floating
Watchdog Selectable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com