Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5100EVAL Datasheet(PDF) 22 Page - Analog Devices

Part # AD5100EVAL
Description  System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100EVAL Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5100EVAL Datasheet HTML 18Page - Analog Devices AD5100EVAL Datasheet HTML 19Page - Analog Devices AD5100EVAL Datasheet HTML 20Page - Analog Devices AD5100EVAL Datasheet HTML 21Page - Analog Devices AD5100EVAL Datasheet HTML 22Page - Analog Devices AD5100EVAL Datasheet HTML 23Page - Analog Devices AD5100EVAL Datasheet HTML 24Page - Analog Devices AD5100EVAL Datasheet HTML 25Page - Analog Devices AD5100EVAL Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD5100
Preliminary Technical Data
Rev. PrJ | Page 22 of 32
Table 9. AD5100 Register Map
Regi
ster
Add
ress
Re
ad
/
W
rit
e
Permane
ntly
settable
Register Name & Bit Description
Pre-OTP
Power On
Default (1)
0x01
R/
W
Y
V1MON Over-Voltage Threshold
[3:0] – 4 bits used to program V1MON OV Threshold
[7:4] – Reserved
0x00
(18.00 V)
0x02
R/
W
Y
V1MON Under-Voltage Threshold
[3:0] – 4 bits used to program V1MON UV Threshold
[7:4] – Reserved
0x00
(8.43 V)
0x03
R/
W
Y
V2MON Turn-On Threshold
[3:0] – 4 bits used to program V2MON TON Threshold
[7:4] – Reserved
0x00
(7.47 V)
0x04
R/
W
Y
V2MON Turn-Off Threshold
[3:0] – 4 bits used to program V2MON TOFF Threshold
[7:4] – Reserved
0x00
(6.95 V)
0x05
R/
W
Y
V3MON RESET Threshold
[2:0] – 3 bits used to program V3MON RESET Threshold
[7:3] – Reserved
0x00
(4.36 V)
0x06
R/
W
Y
V4MON RESET Threshold
[2:0] – 3 bits used to program V4MON RESET Threshold
[7:3] – Reserved
0x00
(Disabled)
0x07
R/
W
Y
V1MON OV/UV Triggered SHDN Hold
[2:0] – 3 bits used to program V1MON OV/UV Triggered SHDN Hold time
[7:3] – Reserved
0x00
(200 mS)
0x08
R/
W
Y
V1MON OV/UV Triggered SHDN Delay
[2:0] – 3 bits used to program V1MON OV/UV Triggered SHDN Delay time
[7:3] – Reserved
0x00
(1200 mS)
0x09
R/
W
Y
V2MON Turn-On Triggered SHDN Hold
[2:0] – 3 bits used to program V2MON TON Triggered SHDN Hold time
[7:3] – Reserved
0x00
(10 mS)
0x0
A
R/
W
Y
V2MON Turn-Off Triggered SHDN Delay
[2:0] – 3 bits used to program V2MON TOFF Triggered SHDN Delay time
[7:3] – Reserved
0x00
(100 mS)
0x0
R/
Y
RESET Hold
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com