Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5100EVAL Datasheet(PDF) 7 Page - Analog Devices

Part # AD5100EVAL
Description  System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100EVAL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5100EVAL Datasheet HTML 3Page - Analog Devices AD5100EVAL Datasheet HTML 4Page - Analog Devices AD5100EVAL Datasheet HTML 5Page - Analog Devices AD5100EVAL Datasheet HTML 6Page - Analog Devices AD5100EVAL Datasheet HTML 7Page - Analog Devices AD5100EVAL Datasheet HTML 8Page - Analog Devices AD5100EVAL Datasheet HTML 9Page - Analog Devices AD5100EVAL Datasheet HTML 10Page - Analog Devices AD5100EVAL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Preliminary Technical Data
AD5100
Rev. PrJ | Page 7 of 32
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTION
Figure 3a. AD5100 Pin Configuration
GND
1
2
3
4
16
14
13
5
6
7
8
12
11
10
9
15
AD5100
GND
1
2
3
4
16
14
13
5
6
7
8
12
11
10
9
15
AD5100
Figure 3b. Recommended PCB Layout for Shielded High-Voltage Inputs
Table 4. AD5100 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V1MON
High-voltage monitoring input. AD5100 internal supply is derived from V1MON..
2
GND
Ground.
3
VOTP
One-time supply voltage for EPROM. Can be floating when it is not performing fuse programming
4
V3MON
Low-voltage monitoring-input
5
MR
Manual-Reset Input. Active-low.
6
WDI
Watch-Dog Input.
7
SCL
I2C Serial-Input Register Clock. If it is driven directly from a logic driver without the pull-up resistor, ensure
that VIH min is 3.3V.
8
SDA
I2C Serial Data Input/Output. If it is driven direct from a logic driver without the pull-up resistor, ensure
that VIH min is 3.3V.
9
RESET
RESET , Push-Pull Output with rail voltage of V3MON
10
V4OUT
Open-drain output. Triggered by V4MON
11
SHDNWARN
Shutdown Warning. Active-Low, Open-drain output.
12
SHDN
Shutdown output. Push-Pull Output with selectable rail voltage of V1MON or VREG . 30V maximum
13
AD0
I2C Slave-Address Configuration.
14
V4MON
Low-voltage monitoring Input.
15
GND/NC
Ground/No Connect. Can be grounded or left floating but do not connect to any other potentials.
16
V2MON
High-voltage monitoring input. It is also the internal-supply-voltage enabling input.
V1MON
GND
V3MON
VOTP
SCL
SDA
WDI
V2MON
V4OUT
AD0
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AD5100
SHDN
GND/NC
RESET
V4MON
MR
SHDNWARN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com