Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5100EVAL Datasheet(PDF) 19 Page - Analog Devices

Part # AD5100EVAL
Description  System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100EVAL Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5100EVAL Datasheet HTML 15Page - Analog Devices AD5100EVAL Datasheet HTML 16Page - Analog Devices AD5100EVAL Datasheet HTML 17Page - Analog Devices AD5100EVAL Datasheet HTML 18Page - Analog Devices AD5100EVAL Datasheet HTML 19Page - Analog Devices AD5100EVAL Datasheet HTML 20Page - Analog Devices AD5100EVAL Datasheet HTML 21Page - Analog Devices AD5100EVAL Datasheet HTML 22Page - Analog Devices AD5100EVAL Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Preliminary Technical Data
AD5100
Rev. PrJ | Page 19 of 32
Power Requirements
Internal Power
The AD5100 internal power VREG is derived from V1MON and
V2MON is used to turn AD5100 on and off with a different
behavior depending on the V2MON monitoring mode
selection. By default, in the V2MON level sensitive mode, the
AD5100 turns on when the voltage at V2MON rises above the
logic threshold V2MON_ON, When V2MON falls below the logic
threshold V2MON_OFF, AD5100 will trun off 2 seconds after
SHDN
is deasserted. Note that AD5100 requries 5 us to start
up and that V1MON must be applied before V2MON. The extension
of the AD5100 turn-off attempts to allow the system to
complete any housekeeping tasks before the system is
powered off. Figure 17 shows the defaulted V2MON and VREG
waveforms.
V
2MON
2.2V
t
GLITCH
t
VREG_On_Delay
6V < V
1MON < 30V
* Programmable
t
VREG_Off_Delay
V
REG
t
2SD_HOLD *
SHDN
V
2MON_ON *
V
2MON_OFF *
t
2SD_HOLD *
t
2SD_DELAY *
t
VREG_Off_Delay
V
2MON_OFF *
V
2MON_ON *
t
2SD_DELAY *
t
2SD_DELAY *
V
2MON
2.2V
t
GLITCH
t
VREG_On_Delay
6V < V
1MON < 30V
* Programmable
t
VREG_Off_Delay
V
REG
t
2SD_HOLD *
SHDN
V
2MON_ON *
V
2MON_OFF *
t
2SD_HOLD *
t
2SD_DELAY *
t
VREG_Off_Delay
V
2MON_OFF *
V
2MON_ON *
t
2SD_DELAY *
t
2SD_DELAY *
Figure 17. Internal Power VREG versus V2MON Timing Diagrams (Default)
If the Pulse-Sensitive V2MON Mode is selected instead, the
AD5100 will not turn off when V2MON returns to a logic low.
In this mode, once the part has been powered on, it can only
be power-down by an I2C power down instruction or by
eliminating the supply on V1MON pin. This feature is for the
applications that use a wake up signal.
VOTP
A 6V supply voltage is needed only during OTP fuse
programming. This voltage should be provided by an
external source during factory programming and should have
6V/200mA driving capability. The OTP programming
duration depends on the numbers of programming fuses
with maximum duration of 10ms. VOTP is not required for
normal operation. The VOTP has dual functions, it is used for
programming the non-volatile memory fuse arrays as well as
serving as a compensation network for internal power
stability. As a result, a bypass capacitor must be connected at
VOTP pin at all times. A low ESR 10uF tantalum capacitor is
recommended.
Figure 18. Power Supply Requirement
AD5100 achieves the OTP function through blowing internal
fuses. Users should always apply the 6 V one-time program
voltage requirement at the first fuse programming attempt.
Failure to comply with this requirement may lead to a change in
the fuse structures, rendering programming inoperable.
Care should be taken when SCL and SDA are driven from a low
voltage logic driver.
AD5100
V1MON
6V - 30V
6V
VOTP
APPLY FOR OTP ONLY
C2
10
μF
V2MON
3V - 30V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com