Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5100EVAL Datasheet(PDF) 3 Page - Analog Devices

Part # AD5100EVAL
Description  System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100EVAL Datasheet(HTML) 3 Page - Analog Devices

  AD5100EVAL Datasheet HTML 1Page - Analog Devices AD5100EVAL Datasheet HTML 2Page - Analog Devices AD5100EVAL Datasheet HTML 3Page - Analog Devices AD5100EVAL Datasheet HTML 4Page - Analog Devices AD5100EVAL Datasheet HTML 5Page - Analog Devices AD5100EVAL Datasheet HTML 6Page - Analog Devices AD5100EVAL Datasheet HTML 7Page - Analog Devices AD5100EVAL Datasheet HTML 8Page - Analog Devices AD5100EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Preliminary Technical Data
AD5100
Rev. PrJ | Page 3 of 32
Electrical Characteristics
6V ≤ V1MON ≤ 30V and 3V ≤ V2MON ≤ 30V, -40°C ≤ TA ≤ +125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
HIGH-VOLTAGE MONITORING INPUTS V1MON, V2MON AND SHDN , SHDNWARN OUTPUT
Input Resistance
RIN_V1MON, RIN_V2MON
60
K
Ω
V1MON
OV, UV Threshold Tolerance
ΔOV, ΔUV
TA = 25oC
-1.5
+1.5
%
(Figure 5 and Table 5a)
TA = -40oC to 85oC
-2
+2
%
TA = -40oC to 125oC
-3
+3
%
Hysteresis
1.5
%
Programmable Shutdown Hold
Time Tolerance
(Figure 5 and Table 6a)
Δt
1SD_HOLD
Does not apply to code 0x7
-10
+10
%
Programmable Shutdown Delay
Tolerance
(Figure 4 and Table 6a)
Δt
1SD_DELAY
Does not apply to code 0x7
-10
+10
%
Fault Detection Delay
tFD_DELAY
70
μs
Glitch-Immune Time
tGLITCH
50
μs
V2MON
On, Off Threshold Tolerance2
ΔOn, ΔOff
TA = 25oC
-1.5
+1.5
%
(Figure 5 and Table 5a)
TA = -40oC to 85oC
-2
+2
%
TA = -40oC to 125oC
-3
+3
%
Hysteresis
1.5
%
Turn-On Programmable SHDN Hold
Time Tolerance
(Figure 5 and Table 6a)
Δt
2SD_HOLD
Does not apply to code 0x7
-10
+10
%
Turn-Off Programmable SHDN
Delay Time Tolerance
(Figure 5 and Table 6a)
Δt
2SD_DELAY
Does not apply to code 0x7
-10
+10
%
Fault Detection Delay
tFD_DELAY
V2MON_OFF only
70
μs
Glitch Immune Time
tGLITCH
50
μs
SHDN
SHDN Output High
VOH
VRAIL=VREG, ISOURCE=40uA
2.4
V
SHDN Output High
VOH
VRAIL=V1MON, ISOURCE=600uA
V1MON-0.5
V
SHDN Output Low
VOL
ISINK=1.6mA
0.4
V
SHDN Output Low
VOL
V1MON=12V, ISINK=40mA
1.7
3
V
SHDN Sink Current
ISINK
V1MON=12V, SHDN forced to 12V
10
15
mA
SHDNWARN (Open Drain Output)
SHDNWARN Inactive Leakage
Current
IOH_SHDNWARN
1
μA
SHDNWARN Active
VOL_SHDNWARN
Isink = 3mA
0.4
V
LOW-VOLTAGE MONITORING INPUTS V3MON, V4MON AND RESET OUTPUT
Voltage Range
V3MON, V4MON
-0.3
5.5
V
Input Resistance
RIN_V1MON, RIN_V2MON
50
K
Ω
V3MON, V4MON
V3MON Threshold Tolerance
ΔV
3MON
TA = 25oC
-1.5
+1.5
%
(Figure 6 and Table 5a)
TA = -40oC to 85oC
-2
+2.7
%
TA = -40oC to 125oC
-3
+3.5
%
V3MON Hysteresis
V3_HYSTERESIS
1.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com