Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5054BCCZN-R7 Datasheet (PDF) - Analog Devices

ADRF5054BCCZN-R7 Datasheet PDF - Analog Devices
Part # ADRF5054BCCZN-R7
Download  ADRF5054BCCZN-R7 Download
File Size   1100.54 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 GHz to 60 GHz, Reflective, Silicon SP4T Switch

ADRF5054BCCZN-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5054BCCZN-R7 Datasheet PDF - Analog Devices

Part # ADRF5054BCCZN-R7
Download  ADRF5054BCCZN-R7 Click to download

File Size   1100.54 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 GHz to 60 GHz, Reflective, Silicon SP4T Switch

ADRF5054BCCZN-R7 Datasheet (HTML) - Analog Devices


ADRF5054BCCZN-R7 Product details

GENERAL DESCRIPTION
The ADRF5054 is a reflective, SP4T switch manufactured in a
silicon process. The ADRF5054 operates from 1 GHz to 60 GHz.
The switch has a low insertion loss of 2.2 dB and 3.2 dB with
33 dB and 28 dB isolation at 40 GHz and 60 GHz, respectively.
The ADRF5054 has an RF input power handling capability of 24
dBm for the through and hot switching paths. The ADRF5054
requires dual-supply voltages of ±3.3 V. The ADRF5054 employs
complementary metal-oxide semiconductor (CMOS)- and low voltage
transistor logic (LVTTL)-compatible control.
The ADRF5054 can also operate with a single positive supply voltage
(VDD) applied while the negative supply voltage (VSS) is tied to
ground. In this operating condition, the small signal performance is
maintained while the switching characteristics, linearity, and power
handling performance are derated (see Table 2 for more details).
The ADRF5054 comes in a 24-terminal, 3 mm × 3 mm, RoHS
compliant, land grid array (LGA) package and can operate from -40°C to +105°C.

FEATURES
► Ultrawideband frequency range: 1 GHz to 60 GHz
► Low insertion loss
► 2.2 dB typical up to 40 GHz
► 2.8 dB typical up to 55 GHz
► 3.2 dB typical up to 60 GHz
► High isolation
► 33 dB typical up to 40 GHz
► 28 dB typical up to 55 GHz
► 28 dB typical up to 60 GHz
► High input linearity
► P0.1dB: 25 dBm typical
► IP3: 47 dBm typical
► High RF power handling
► Through path: 24 dBm
► Hot switching path: 24 dBm
► CMOS-/LVTTL-compatible
► No low frequency spur
► Fast RF switching time: 25 ns
► RF settling time (50% VCTRL to 0.1 dB of RFOUT): 35 ns
► Single-supply operation capability (VDD = 3.3 V, VSS = 0 V)
► 24-terminal, 3 mm × 3 mm, RoHS-compliant, LGA package

APPLICATIONS
► Industrial scanners
► Test instrumentation
► Cellular infrastructure—mmWave 5G
► Military radios, radars, and electronic counter measures (ECMs)
► Microwave radios and very small aperture terminals (VSATs)




Similar Part No. - ADRF5054BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5050-EVALZ AD-ADRF5050-EVALZ Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5050BCCZN AD-ADRF5050BCCZN Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5050BCCZN-R7 AD-ADRF5050BCCZN-R7 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5051 AD-ADRF5051 Datasheet
847Kb / 18P
Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
Rev. A
More results


Similar Description - ADRF5054BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-243 MACOM-SW-243 Datasheet
167Kb / 3P
Reflective GaAs SP4T Switch DC - 4 GHz
logo
M/A-COM Technology Solu...
SW-243 MA-COM-SW-243 Datasheet
85Kb / 3P
Reflective GaAs SP4T Switch DC - 4 GHz
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
ADRF5046 AD-ADRF5046 Datasheet
474Kb / 15P
Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
4/2019-Revision 0
logo
Custom MMIC Design Serv...
CMD203C4 MMIC-CMD203C4 Datasheet
271Kb / 8P
DC-20 GHz SP4T Non-reflective Switch
CMD203 MMIC-CMD203 Datasheet
220Kb / 8P
DC-20 GHz SP4T Non-reflective Switch
CMD302C4 MMIC-CMD302C4 Datasheet
249Kb / 8P
DC-20 GHz SP4T Non-reflective Switch
logo
Analog Devices
ADRF5047 AD-ADRF5047 Datasheet
552Kb / 15P
Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
11/2019-Revision 0
ADH244S AD-ADH244S Datasheet
149Kb / 7P
DC to 4 GHz SP4T Non-Reflective Switch
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com