Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5054BCCZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5054BCCZN-R7
Description  1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5054BCCZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5054BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
ADRF5054
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 13
Table 1. Electrical Characteristics (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL CONTROL INPUTS
V1 and V2 pins
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low and High
IINL, IINH
<1
µA
RECOMMENDED OPERATING CONDITONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Voltage
VCTRL
0
VDD
V
RF Input Power2, 3
PIN
f = 3 GHz to 60 GHz, TCASE = 85°C
Through Path
RF signal is applied to RFC or through
connected RFx
24
dBm
Hot Switching
RF signal is present at RFC while
switching between RFx
24
dBm
Case Temperature
TCASE
−40
+105
°C
1 For input linearity performance over frequency, see Figure 20 to Figure 23.
2 For power derating over frequency, see Figure 2.
3 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.
SINGLE-SUPPLY OPERATION
VDD = 3.3 V, VSS = 0 V, V1 = 0 V or VDD, V2 = 0 V or VDD, and TCASE = 25°C for a 50 Ω system, unless otherwise noted.
Table 2. Single-Supply Operation Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
1
60
GHz
SWITCHING CHARACTERISTICS
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RFOUT
20
ns
On Time and Off Time
tON, tOFF
50% VCTRL to 90% of RFOUT
58
ns
0.1 dB RF Settling Time
50% VCTRL to 0.1 dB of final RFOUT
62
ns
INPUT LINEARITY
f = 1 GHz to 60 GHz
0.1 dB Power Compression
P0.1dB
13
dBm
Input Third-Order Intercept
IIP3
Two-tone input power = 0 dBm each tone, Δf = 1
MHz
41
dBm
RECOMMENDED OPERATING CONDITONS
RF Input Power1
PIN
f = 3 GHz to 60 GHz, TCASE = 85°C
Through Path
RF signal is applied to the RFC or through
connected RFx
13
dBm
Hot Switching
RF signal is applied to the RFC while switching
between RFx
13
dBm
1 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 1 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com