Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5054BCCZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5054BCCZN-R7
Description  1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5054BCCZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5054BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Data Sheet
ADRF5054
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 12 of 13
Figure 28. Recommended RF2 and RF3 Pin Transition
For alternate PCB stackups with different dielectric thickness and
RF trace design, contact Analog Devices, Inc., Technical Support
Request for further recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com