Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5054BCCZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5054BCCZN-R7
Description  1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5054BCCZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5054BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
ADRF5054
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 13
Figure 3. Pin Configuration (Top View)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V1
Control Input 1. See Figure 6 for the interface schematic.
2, 3, 5, 6, 9, 11 to 13, 15 to 17, 19 to 21, 23
GND
Ground. The GND pins must be connected to the RF and DC ground of the PCB.
4
RFC
RF Common Port. The RFC pin is DC-coupled to 0 V. No DC blocking capacitor is required when the RF line
potential is equal to 0 V DC. See Figure 4 for the interface schematic.
7
VSS
Negative Supply Voltage. See Figure 7 for the interface schematic.
8
VDD
Positive Supply Voltage. See Figure 5 for the interface schematic.
10
RF4
RF Throw Port 4. The RF4 pin is DC-coupled to 0 V. No DC blocking capacitor is required when the RF line
potential is equal to 0 V DC. See Figure 4 for the interface schematic.
14
RF3
RF Throw Port 3. The RF3 pin is DC-coupled to 0 V. No DC blocking capacitor is required when the RF line
potential is equal to 0 V DC. See Figure 4 for the interface schematic.
18
RF2
RF Throw Port 2. The RF2 pin is DC-coupled to 0 V. No DC blocking capacitor is required when the RF line
potential is equal to 0 V DC. See Figure 4 for the interface schematic.
22
RF1
RF Throw Port 1. The RF1 pin is DC-coupled to 0 V. No DC blocking capacitor is required when the RF line
potential is equal to 0 V DC. See Figure 4 for the interface schematic.
24
V2
Control Input 2. See Figure 6 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and DC ground of the PCB.
INTERFACE SCHEMATICS
Figure 4. RFx Pins Interface Schematic
Figure 5. VDD Interface Schematic
Figure 6. V1, V2 Pin Interface Schematic
Figure 7. VSS Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com