Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5054BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5054BCCZN-R7
Description  1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5054BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5054BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
ADRF5054
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultrawideband frequency range: 1 GHz to 60 GHz
►
Low insertion loss
►
2.2 dB typical up to 40 GHz
►
2.8 dB typical up to 55 GHz
►
3.2 dB typical up to 60 GHz
►
High isolation
►
33 dB typical up to 40 GHz
►
28 dB typical up to 55 GHz
►
28 dB typical up to 60 GHz
►
High input linearity
►
P0.1dB: 25 dBm typical
►
IP3: 47 dBm typical
►
High RF power handling
►
Through path: 24 dBm
►
Hot switching path: 24 dBm
►
CMOS-/LVTTL-compatible
►
No low frequency spur
►
Fast RF switching time: 25 ns
►
RF settling time (50% VCTRL to 0.1 dB of RFOUT): 35 ns
►
Single-supply operation capability (VDD = 3.3 V, VSS = 0 V)
►
24-terminal, 3 mm × 3 mm, RoHS-compliant, LGA package
APPLICATIONS
►
Industrial scanners
►
Test instrumentation
►
Cellular infrastructure—mmWave 5G
►
Military radios, radars, and electronic counter measures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5054 is a reflective, SP4T switch manufactured in a
silicon process. The ADRF5054 operates from 1 GHz to 60 GHz.
The switch has a low insertion loss of 2.2 dB and 3.2 dB with
33 dB and 28 dB isolation at 40 GHz and 60 GHz, respectively.
The ADRF5054 has an RF input power handling capability of 24
dBm for the through and hot switching paths. The ADRF5054
requires dual-supply voltages of ±3.3 V. The ADRF5054 employs
complementary metal-oxide semiconductor (CMOS)- and low volt-
age transistor logic (LVTTL)-compatible control.
The ADRF5054 can also operate with a single positive supply volt-
age (VDD) applied while the negative supply voltage (VSS) is tied to
ground. In this operating condition, the small signal performance is
maintained while the switching characteristics, linearity, and power
handling performance are derated (see Table 2 for more details).
The ADRF5054 comes in a 24-terminal, 3 mm × 3 mm, RoHS
compliant, land grid array (LGA) package and can operate from
−40°C to +105°C.


Similar Part No. - ADRF5054BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5050-EVALZ AD-ADRF5050-EVALZ Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5050BCCZN AD-ADRF5050BCCZN Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5050BCCZN-R7 AD-ADRF5050BCCZN-R7 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5051 AD-ADRF5051 Datasheet
847Kb / 18P
Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
Rev. A
More results

Similar Description - ADRF5054BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-243 MACOM-SW-243 Datasheet
167Kb / 3P
Reflective GaAs SP4T Switch DC - 4 GHz
logo
M/A-COM Technology Solu...
SW-243 MA-COM-SW-243 Datasheet
85Kb / 3P
Reflective GaAs SP4T Switch DC - 4 GHz
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
ADRF5046 AD-ADRF5046 Datasheet
474Kb / 15P
Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
4/2019-Revision 0
logo
Custom MMIC Design Serv...
CMD203C4 MMIC-CMD203C4 Datasheet
271Kb / 8P
DC-20 GHz SP4T Non-reflective Switch
CMD203 MMIC-CMD203 Datasheet
220Kb / 8P
DC-20 GHz SP4T Non-reflective Switch
CMD302C4 MMIC-CMD302C4 Datasheet
249Kb / 8P
DC-20 GHz SP4T Non-reflective Switch
logo
Analog Devices
ADRF5047 AD-ADRF5047 Datasheet
552Kb / 15P
Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
11/2019-Revision 0
ADH244S AD-ADH244S Datasheet
149Kb / 7P
DC to 4 GHz SP4T Non-Reflective Switch
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com