Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5054BCCZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5054BCCZN-R7
Description  1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5054BCCZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5054BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
ADRF5054
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 11 of 13
The ADRF5054 has two power supply pins (VDD and VSS) and two
control pins (V1 and V2). Figure 24 shows the external components
and connections for the supply pins. The VDD and VSS pins are
decoupled with a 100 pF multilayer ceramic capacitor. The device
pinout allows the placement of the decoupling capacitors close to
the device. No other external components are needed for bias and
operation, except DC blocking capacitors on the RF pins when
the RF lines are biased at a voltage different than 0 V. See the
Pin Configuration and Function Descriptions section for additional
information.
Figure 24. Recommended Schematic
RECOMMENDATIONS FOR PCB DESIGN
The RF ports are matched to 50 Ω internally and the pinout is
designed to mate a coplanar waveguide (CPWG) with 50 Ω charac-
teristic impedance on the PCB. Figure 25 shows the referenced
CPWG RF trace design for an RF substrate with 8 mil thick Rogers
RO4003C dielectric material. The RF trace with a 16 mil width and
a 13 mil clearance is recommended for 1.7 mil finished copper
thickness.
Figure 25. Example PCB Stackup
Figure 26 shows the routing of the RF traces, supply, and control
signals from the device. The ground planes are connected with
densely filled through vias for optimal RF and thermal performance.
The primary thermal path for the device is the bottom side.
Figure 26. PCB Layout
Figure 27 and Figure 28 show the recommended layout from the
device RFx pins to the 50 Ω CPWG on the referenced stackup.
PCB pads are drawn 1:1 to device pads. The ground pads are
drawn solder mask defined, and the signal pads are drawn as pad
defined. The paste mask is designed to match the device pads
without any aperture reduction. The paste mask is divided into
multiple openings for the paddle.
Figure 27. Recommended RFC, RF1 and RF4 Pin Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com