Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5054BCCZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5054BCCZN-R7
Description  1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5054BCCZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5054BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5054BCCZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Data Sheet
ADRF5054
THEORY OF OPERATION
analog.com
Rev. 0 | 10 of 13
The ADRF5054 can interface CMOS-/LVTTL-compatible logic di-
rectly. The V1 and V2 pins determine which RF port is in the
insertion loss state and in the isolation state. See Table 7 for the
control voltage truth table.
RF INPUT AND OUTPUT
The RF ports (RFC, RF1 to RF4) are DC-coupled to 0 V, and no
DC blocking is required at the RF ports when the RF line potential
is equal to 0 V. The RF ports are internally matched to 50 Ω.
The ADRF5054 is bidirectional with equal power handling capabili-
ties. The RF input signal can be applied to the RFC port or the
selected RF throw port.
The insertion loss path conducts the RF signal between the select-
ed RF throw port and the RF common port. The isolation paths
provide high loss between the insertion loss path and the unselect-
ed RF throw ports. The unselected RF ports of the ADRF5054 are
reflective.
The power handling of the ADRF5054 derates with frequencies less
than 3 GHz. See Figure 2 for the derating of the RF power toward
the lower frequencies.
POWER SUPPLY
The ADRF5054 requires a positive supply voltage applied to the
VDD pin, and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
minimize RF coupling.
The ideal power-up sequence is as follows:
1. Connect GND.
2. Power up VDD and VSS. Power up VSS after VDD to avoid
current transients on VDD during ramp-up.
3. Apply digital control inputs. The relative order of the control
inputs is not important. However, powering the digital control
inputs before the VDD supply can inadvertently forward bias
and damage the internal ESD protection structures. To avoid
this damage, use a series 1 kΩ resistor to limit the current
flowing into the control pin. Use pull-up or pull-down resistors if
the controller is in a high impedance state after VDD is powered
up and the control pins are not driven to a valid logic state.
4. Apply the RF input signal.
The ideal power-down sequence is the reverse order of the power-
up sequence.
Table 7. Control Voltage Truth Table
Digital Control Inputs
RFx Paths
V1
V2
RFC to RF1
RFC to RF2
RFC to RF3
RFC to RF4
Low
Low
Insertion loss (on)
Isolation (off)
Isolation (off)
Isolation (off)
High
Low
Isolation (off)
Insertion loss (on)
Isolation (off)
Isolation (off)
Low
High
Isolation (off)
Isolation (off)
Insertion loss (on)
Isolation (off)
High
High
Isolation (off)
Isolation (off)
Isolation (off)
Insertion loss (on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com