Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM460 Datasheet (PDF) - WOLFSPEED, INC.

AM460 Datasheet PDF - WOLFSPEED, INC.
Part # AM460
Download  AM460 Download
File Size   153.9 Kbytes
Page   18 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Industrial Converter and Protector IC

AM460 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM460 Datasheet PDF - WOLFSPEED, INC.

Part # AM460
Download  AM460 Click to download

File Size   153.9 Kbytes
Page   18 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Industrial Converter and Protector IC

AM460 Datasheet (HTML) - WOLFSPEED, INC.


AM460 Product details

FEATURES
• Supply voltage: 6...35V
• Wide working temperature range:
–40°C...+85°C
• Adjustable integrated reference voltage
source: 4.5 to 10V
• Additional voltage/current source
• Operational amplifier with integrated
driver stage
• Adjustable amplification
• Analogue parallel voltage (0...5/10V) and
current output (0/4...20mA)
• Protection against reverse polarity and
short-circuiting
• Output current limit
• Low-cost device: replaces a number of
discrete elements
• 2- and 3-wire operation
GENERAL DESCRIPTION
AM460 is a universal converter and amplifier IC
with a number of additional functions. The IC basically consists of an amplifier, whose gain can be set
externally, and parallel output stages which can condition signals referenced to ground in industrial
voltage and current signals. An additional reference
voltage source for the supply of external components
is also included in the device. A further operational
amplifier can be connected up as a current source,
voltage reference or comparator.
One of the main features of the IC is its integrated
protective circuitry. The device is protected against
reverse polarity, short-circuiting and has a built-in
output current limit. Amplifier IC AM460 enables
industrial standard voltage (e.g. 0–5/10V) and current loop (e.g. 0/4–20mA) signals to be produced
relatively easily.




Similar Part No. - AM460

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM460 AME-AM460 Datasheet
163Kb / 18P
Industrial Converter and Protector IC
logo
Analog Microelectronics...
AM460 ANALOGMICRO-AM460 Datasheet
154Kb / 18P
Industrial Converter and Protector IC
April 2003
More results


Similar Description - AM460

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1237 NEC-UPC1237 Datasheet
1Mb / 10P
PROTECTOR IC FOR STEREO POWER AMPLIFIER
logo
AUK corp
SIP25M AUK-SIP25M Datasheet
185Kb / 4P
IC protector
logo
Protek Devices
232B PROTEC-232B Datasheet
126Kb / 3P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
logo
AUK corp
SIP25 AUK-SIP25 Datasheet
200Kb / 3P
IC protector
logo
Analog Microelectronics
AM460 AME-AM460 Datasheet
163Kb / 18P
Industrial Converter and Protector IC
AM462 AME-AM462 Datasheet
275Kb / 20P
Industrial V/I Converter and Protector IC
logo
Protek Devices
232B PROTEC-232B_10 Datasheet
437Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
232B PROTEC-232B_12 Datasheet
439Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
logo
Unisonic Technologies
UPC1237 UTC-UPC1237_15 Datasheet
212Kb / 5P
PROTECTOR IC FOR STEREO POWER AMPLIFIER
logo
WOLFSPEED, INC.
AM462 WOLFSPEED-AM462 Datasheet
299Kb / 20P
Industrial V/I Converter and Protector IC
Oktober 2007 Rev.2.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com