Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM460 Datasheet(PDF) 9 Page - WOLFSPEED, INC.

Part # AM460
Description  Industrial Converter and Protector IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM460 Datasheet(HTML) 9 Page - WOLFSPEED, INC.

Back Button AM460 Datasheet HTML 5Page - WOLFSPEED, INC. AM460 Datasheet HTML 6Page - WOLFSPEED, INC. AM460 Datasheet HTML 7Page - WOLFSPEED, INC. AM460 Datasheet HTML 8Page - WOLFSPEED, INC. AM460 Datasheet HTML 9Page - WOLFSPEED, INC. AM460 Datasheet HTML 10Page - WOLFSPEED, INC. AM460 Datasheet HTML 11Page - WOLFSPEED, INC. AM460 Datasheet HTML 12Page - WOLFSPEED, INC. AM460 Datasheet HTML 13Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Industrial Converter and Protector IC
AM460
analog microelectronics
April 2003
9/18
In 2-wire operation the IC ground is "virtual" (floating), as with a constant load resistance the supply voltage of
the device VCC changes according to the current. As a rule, the following equation applies to 2-wire operation:
()
L
IN
OUT
S
CC
R
V
I
V
V
−
=
(4)
The reason for this is that in 2-wire operation the IC is connected in series to the actual load resistor RL. This is
illustrated in Figure 3.
In 3-wire operation VCC = VS, as the IC ground is connected to the ground of the system.
Setting the voltage gain using the voltage output
Using amplifier stages OP1 and OP3 for signal conditioning the overall gain can be set by selecting suitable ex-
ternal resistors R1 and R2. The transfer function for the output voltage is calculated by multiplying Equations 1
and 2 as follows:
OP
GAIN
INP
OUT
G
G
V
V
⋅
⋅
=
(5)
with GGAIN = 1 + R1/R2 and GOP = 2.2.
Setting the output current range using the current output
When using amplification stage OP1 together with the V/I converter for signal conditioning the offset of the
output current should first be compensated for by suitable selection of resistors R3 and R4. To this end the OP1
input must be connected to ground (VINP = 0). With the short circuit at the input and by connecting up V/I con-
verter pin VSET as shown in Figure 2 the values of the output current according to Equation 3 are as follows:
()
4
3
4
0
2
0
R
R
R
R
V
I
V
I
REF
SET
INDAI
OUT
+
⋅
=
=
=
(6)
and thus for the ratio of the resistors R3/R4:
1
2
0
4
3
−
=
SET
REF
I
R
V
R
R
(7)
The output current area is set in conjunction with the selection of external resistors R1 and R2 (or fine adjustment
with R0 ). With Equations 1 and 3 the following is calculated for output current IOUT :
SET
GAIN
INP
OUT
I
R
G
V
I
+
=
0
8
with
2
1
1
R
R
G
GAIN
+
=
(8)
Selecting the supply voltage
System supply voltage VS needed to operate AM460 is dependent on the selected mode of operation.
• When using voltage output pin VOUT the minimum V
S needed for operation is determined by the maximum
output voltage VOUTmax required by the application. This is expressed as follows:
V
5
max +
≥
OUT
S
V
V
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com