Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM460 Datasheet(PDF) 17 Page - WOLFSPEED, INC.

Part # AM460
Description  Industrial Converter and Protector IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM460 Datasheet(HTML) 17 Page - WOLFSPEED, INC.

Back Button AM460 Datasheet HTML 10Page - WOLFSPEED, INC. AM460 Datasheet HTML 11Page - WOLFSPEED, INC. AM460 Datasheet HTML 12Page - WOLFSPEED, INC. AM460 Datasheet HTML 13Page - WOLFSPEED, INC. AM460 Datasheet HTML 14Page - WOLFSPEED, INC. AM460 Datasheet HTML 15Page - WOLFSPEED, INC. AM460 Datasheet HTML 16Page - WOLFSPEED, INC. AM460 Datasheet HTML 17Page - WOLFSPEED, INC. AM460 Datasheet HTML 18Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Industrial Converter and Protector IC
AM460
analog microelectronics
April 2003
17/18
EXAMPLES OF POSSIBLE APPLICATIONS
• Conditioning signals referenced to ground (protected output stage, impedance converter etc.)
• Complex configuration as a peripheral processor IC
• Conversion of a 0.5...4.5V sensor signal
AM460
6...35V
0/4...20mA
0...5/10V
V
IN = 0...1, 0...5V
others
Protection agains
short-circuiting and
reverse polarity
Figure 11: Application for input signals referenced to ground (pro-
tected output stage, impedance converter etc.)
µP
A
D
V
REF = 5V
V
CVREF = 3.3V
AM460
6...35V
0/4...20mA
0...5/10V
Protection agains
short-circuiting and
reverse polarity
Figure 12: Complex configuration as a peripheral processor IC
V
REF = 5V
AM460
6...35V
4...20mA
1...6V
Protection agains
short-circuiting and
reverse polarity
V
OUT = 0.5...4.5V
Sensor
Figure 13: Conversion of a 0.5...4.5V sensor signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com