Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM460 Datasheet(PDF) 14 Page - WOLFSPEED, INC.

Part # AM460
Description  Industrial Converter and Protector IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM460 Datasheet(HTML) 14 Page - WOLFSPEED, INC.

Back Button AM460 Datasheet HTML 10Page - WOLFSPEED, INC. AM460 Datasheet HTML 11Page - WOLFSPEED, INC. AM460 Datasheet HTML 12Page - WOLFSPEED, INC. AM460 Datasheet HTML 13Page - WOLFSPEED, INC. AM460 Datasheet HTML 14Page - WOLFSPEED, INC. AM460 Datasheet HTML 15Page - WOLFSPEED, INC. AM460 Datasheet HTML 16Page - WOLFSPEED, INC. AM460 Datasheet HTML 17Page - WOLFSPEED, INC. AM460 Datasheet HTML 18Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Industrial Converter and Protector IC
AM460
analog microelectronics
April 2003
14/18
Typical 2-wire application with an input signal referenced to ground
In 2-wire operation (cf. Figure 8) system supply voltage VS is connected up to pin RS+ and pin VCC to pin RS-.
The ground of the IC (pin GND) is connected to the node between resistor R5 and load resistor RL (current output
IOUT). IC ground (GND) is not the same as system ground (Ground)!! The output signal is picked up via load re-
sistor RL which connects current output IOUT to the system ground.
For output current IOUT the following applies according to Equation 3:
SET
I
INP
OUT
I
R
G
V
I
+
⋅
=
0
8
with
2
1
1
R
R
G
G
GAIN
I
+
=
=
and
4
3
4
0
2
R
R
R
R
V
I
REF
SET
+
⋅
=
Example 4:
To obtain a signal of VINP = 0...1V at the OP1 input the external components are to be dimensioned in such a
way that the output current has a range of 4...20mA.
mA
4
8
8
0
0
+
⋅
=
+
⋅
=
R
G
V
I
R
G
V
I
GAIN
INP
SET
I
INP
OUT
With R0 = 27Ω Equation 7 produces the following:
15
.
22
1
mA
4
27
2
V
5
1
2
0
4
3
≈
−
⋅
Ω
⋅
=
−
=
SET
REF
I
R
V
R
R
and thus the following value for the gain to be set:
Ground
T
1
D
1
R
5
R
L
1
Single-ended
input voltage
1
2
AM460
OP3
OP2
R
1
R
2
4
OP1
5
3
R
3
C
1
Voltage Reference
R
0
714
6
13
15
16
IC ground: GND
System ground: Ground
} Different
potentials!
GND
2-wire
connection
C
2
12
8
9
11
10
V
R
4
I
V
INP
V
S
I
OUT
V
BG
Connections setting unused function blocks to a defined operating point
Figure 8: Typical 2-wire application for input signals referenced to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com