Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM460 Datasheet(PDF) 15 Page - WOLFSPEED, INC.

Part # AM460
Description  Industrial Converter and Protector IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM460 Datasheet(HTML) 15 Page - WOLFSPEED, INC.

Back Button AM460 Datasheet HTML 10Page - WOLFSPEED, INC. AM460 Datasheet HTML 11Page - WOLFSPEED, INC. AM460 Datasheet HTML 12Page - WOLFSPEED, INC. AM460 Datasheet HTML 13Page - WOLFSPEED, INC. AM460 Datasheet HTML 14Page - WOLFSPEED, INC. AM460 Datasheet HTML 15Page - WOLFSPEED, INC. AM460 Datasheet HTML 16Page - WOLFSPEED, INC. AM460 Datasheet HTML 17Page - WOLFSPEED, INC. AM460 Datasheet HTML 18Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Industrial Converter and Protector IC
AM460
analog microelectronics
April 2003
15/18
456
.
3
V
1
mA
16
27
8
8
max
0
=
⋅
Ω
⋅
=
−
=
INP
SET
OUT
GAIN
V
I
I
R
G
⇒
456
.
2
1
456
.
3
2
1
=
−
=
R
R
Observing the boundary conditions, the following values are obtained for the external components:
R1 ≈ 24.56kΩ
R2 = 10kΩ
R3 ≈ 44.3kΩ
R4 = 2kΩ
R0 = 27Ω
R5 = 39Ω
RL = 0...600Ω
C1 = 2.2µF
C2 = 100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com