Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM460 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # AM460
Description  Industrial Converter and Protector IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM460 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button AM460 Datasheet HTML 3Page - WOLFSPEED, INC. AM460 Datasheet HTML 4Page - WOLFSPEED, INC. AM460 Datasheet HTML 5Page - WOLFSPEED, INC. AM460 Datasheet HTML 6Page - WOLFSPEED, INC. AM460 Datasheet HTML 7Page - WOLFSPEED, INC. AM460 Datasheet HTML 8Page - WOLFSPEED, INC. AM460 Datasheet HTML 9Page - WOLFSPEED, INC. AM460 Datasheet HTML 10Page - WOLFSPEED, INC. AM460 Datasheet HTML 11Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Industrial Converter and Protector IC
AM460
analog microelectronics
April 2003
7/18
AM460 consist of several modular function blocks (operational amplifiers, voltage-to-current converters and
references) which depending on external configurations can either be switched together or operated separately
(see the basic circuitry in Figure 2):
1. Operational amplifier stage OP1 enables a positive voltage signal to be amplified. OP1 gain GGAIN can be set
via external resistors R1 and R2. Protective circuitry against overvoltage is integrated into the chip, limiting
the voltage to the set value of the reference voltage. Output voltage VOUTAD at pin OUTAD is calculated as:
GAIN
INP
OUTAD
G
V
V
⋅
=
with
2
1
1
R
R
G
GAIN
+
=
(1)
where VINP is the voltage at OP1 input pin INP.
2. Using the current-limited operational amplifier stage OP3 with its integrated protection against reverse po-
larity an industrial voltage signal (VOUT) can be realised. The internal amplification of OP3 is set to a fixed
value of GOP = 2.2. The output is configured as a driver so that OP3 is particularly suitable as an output
stage. For OP3 output voltage VOUT at pin VOUT of the IC the following applies:
INDAV
OP
OUT
V
G
V
⋅
=
(2)
with VINDAV the voltage at pin INDAV (OP3 input).
3. The voltage-to-current converter (V/I converter) provides a voltage-controlled current signal at IC output
IOUT (pin 8) which activates an external transistor T1; this in turn supplies the actual output current IOUT. To
V
BG
Ground
V
S
I
OUT
R
1
R
2
R
0
T
1
D
1
R
5
V
OUT
V
INP
V
SET
V
OUTAD
V
CVREF
V
CVSET
R
4
V
BG
4
12
11
10
8
OP1
5
2
AM460
OP2
3
C
1
V
REF
R
3
13
15
Voltage Reference
1
16
9
V
INDAI VINDAV
714
V
I
6
OP3
Figure 2: Block diagram of AM460 with external components (3-wire circuit for current output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com