Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM462 Datasheet (PDF) - WOLFSPEED, INC.

AM462 Datasheet PDF - WOLFSPEED, INC.
Part # AM462
Download  AM462 Download
File Size   299.69 Kbytes
Page   20 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Industrial V/I Converter and Protector IC

AM462 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM462 Datasheet PDF - WOLFSPEED, INC.

Part # AM462
Download  AM462 Click to download

File Size   299.69 Kbytes
Page   20 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Industrial V/I Converter and Protector IC

AM462 Datasheet (HTML) - WOLFSPEED, INC.


AM462 Product details

FEATURES
• Supply voltage: 6...35V
• Wide working temperature range:
–40°C...+85°C
• Adjustable integrated reference voltage
source: 4.5 to 10V
• Additional voltage/current source
• Adjustable amplification
• Adjustable offset
• Industrial current output (e.g.
0/4...20mA)
• Protection against reverse polarity
• Short-circuit protection
• Output current limitation
• Low-cost device: replaces a number of
discrete elements
• 2- and 3-wire operation
• Individually configurable function
modules
• RoHS compilant
GENERAL DESCRIPTION
AM462 is a universal V/I converter and
amplifier IC with a number of additional
functions. The IC basically consists of an
amplifier, whose gain can be set externally,
and an output stage which can convert voltage
signals referenced to ground to industrial
current signals. An additional reference
voltage source for the supply of external
components is also included in the device. A
further operational amplifier can be connected
up as a current source, voltage reference or
comparator.
One of the main features of the IC is its
integrated protective circuitry. The device is
protected against reverse polarity and has a
built-in output current limit. Converter IC
AM462 enables industrial current loop signals
(e.g. of 0/4–20mA) to be produced relatively
easily.
Using the Frame ASIC concept [1] the IC can
be connected up to a processor for signal
correction.




Similar Part No. - AM462

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM462 AME-AM462 Datasheet
275Kb / 20P
Industrial V/I Converter and Protector IC
logo
Analog Microelectronics...
AM462 ANALOGMICRO-AM462 Datasheet
300Kb / 20P
Industrial V/I Converter and Protector IC
Oktober 2007
More results


Similar Description - AM462

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1753M SONY-CXA1753M Datasheet
60Kb / 7P
I-V Photo IC for CD Player
CXA1915AN SONY-CXA1915AN Datasheet
108Kb / 8P
I-V Photo IC for MiniDisc
logo
AUK corp
SIP25M AUK-SIP25M Datasheet
185Kb / 4P
IC protector
logo
Protek Devices
232B PROTEC-232B Datasheet
126Kb / 3P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
logo
AUK corp
SIP25 AUK-SIP25 Datasheet
200Kb / 3P
IC protector
logo
Analog Microelectronics
AM460 AME-AM460 Datasheet
163Kb / 18P
Industrial Converter and Protector IC
AM462 AME-AM462 Datasheet
275Kb / 20P
Industrial V/I Converter and Protector IC
logo
Protek Devices
232B PROTEC-232B_10 Datasheet
437Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
232B PROTEC-232B_12 Datasheet
439Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
logo
WOLFSPEED, INC.
AM460 WOLFSPEED-AM460 Datasheet
153Kb / 18P
Industrial Converter and Protector IC
April 2003 Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com