Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM462 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM462 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  AM462 Datasheet HTML 1Page - WOLFSPEED, INC. AM462 Datasheet HTML 2Page - WOLFSPEED, INC. AM462 Datasheet HTML 3Page - WOLFSPEED, INC. AM462 Datasheet HTML 4Page - WOLFSPEED, INC. AM462 Datasheet HTML 5Page - WOLFSPEED, INC. AM462 Datasheet HTML 6Page - WOLFSPEED, INC. AM462 Datasheet HTML 7Page - WOLFSPEED, INC. AM462 Datasheet HTML 8Page - WOLFSPEED, INC. AM462 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
Oktober 2007 – Rev.2.5 -Page 4/20
Phone: +49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet:
http://www.analogmicro.de
Email: info@analogmicro.de
ELECTRICAL SPECIFICATIONS
Tamb = 25°C, VCC = 24V, VREF = 5V, IREF = 1mA (unless otherwise stated); currents flowing into the IC are negative.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage Range
VCC
6
35
V
Quiescent Current
ICC
Tamb = - 40...+85°C, IREF = 0mA
1.5
mA
Temperature Specifications
Operating
Tamb
-40
85
°C
Storage
Tst
-55
125
°C
Junction
TJ
150
°C
Thermal Resistance
Θja
DIL16 plastic package
70
°C/W
Θja
SO16 narrow plastic package
140
°C/W
Voltage Reference
Voltage
VREF
VSET not connected
4.75
5.00
5.25
V
VREF10
VSET = GND, VCC ≥ 11V
9.5
10.0
10.5
V
Trim Range
VREFADJ
4.5
VREF10
V
Current
IREF*
0
10.0
mA
VREF vs. Temperature
dVREF/dT
Tamb = - 40...+85°C
±90
±140
ppm/°C
Line Regulation
dVREF/dV
VCC = 6V...35V
30
80
ppm/V
dVREF/dV
VCC = 6V...35V, IREF ≈ 5mA
60
150
ppm/V
Load Regulation
dVREF/dI
0.05
0.10
%/mA
dVREF/dI
IREF ≈ 5mA
0.06
0.15
%/mA
Load Capacitance
CL
1.9
2.2
5.0
µF
Current/Voltage Source OP2
Internal Reference
VBG
1.20
1.27
1.35
V
VBG vs. Temperature
dVBG/dT
Tamb = – 40...+85°C
±60
±140
ppm/°C
Current Source: ICV = VBG/RSET, from Figure
5
Adjustable Current Range
ICV*
0
10
mA
Output Voltage
VCV
VCC < 19V
VBG
VCC – 4
V
VCV
VCC ≥ 19V
VBG
15
V
Voltage Source: VCV = VBG (1 + R7 / R6), from Figure
6
Adjustable Voltage Range
VCV
VCC < 19V
0.4
VCC – 4
V
VCV
VCC ≥ 19V
0.4
15
V
Output Current
ICV*
Source
10
mA
ICV
Sink
–100
µA
Load Capacitance
CL
Source mode
0
1
10
nF
Operational Amplifier Gain Stage (OP1)
Adjustable Gain
GGAIN
1
Input Range
IR
VCC < 10V
0
VCC – 5
V
IR
VCC ≥ 10V
0
5
V
Power Supply Rejection Ratio
PSRR
80
90
dB
Offset Voltage
VOS
±0.5
±2
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com