Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM462 Datasheet(PDF) 15 Page - WOLFSPEED, INC.

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM462 Datasheet(HTML) 15 Page - WOLFSPEED, INC.

Back Button AM462 Datasheet HTML 11Page - WOLFSPEED, INC. AM462 Datasheet HTML 12Page - WOLFSPEED, INC. AM462 Datasheet HTML 13Page - WOLFSPEED, INC. AM462 Datasheet HTML 14Page - WOLFSPEED, INC. AM462 Datasheet HTML 15Page - WOLFSPEED, INC. AM462 Datasheet HTML 16Page - WOLFSPEED, INC. AM462 Datasheet HTML 17Page - WOLFSPEED, INC. AM462 Datasheet HTML 18Page - WOLFSPEED, INC. AM462 Datasheet HTML 19Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
Oktober 2007 – Rev.2.5 -Page 15/20
Phone: +49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet:
http://www.analogmicro.de
Email: info@analogmicro.de
Application for an input signal with an offset
It is not uncommon for input signals to have an offset (e.g. of 0.5V for a 0,5...4.5V input signal or
1V for a 1..6V input signal). For signals such as these an offset current is generated at the IC output
also when ISET = 0. In this case the output current will be always: IOUT≠0. The circuit can then be
dimensioned as described in the following.
According to Equation (2) the following applies for a required current swing at the output of
∆IOUT = IOUTmax – IOUTmin:
0
6
8R
V
I
PIN
OUT
∆
=
∆
⇒
OUT
PIN
I
R
V
∆
=
∆
0
6
8
(11)
For an input current swing of
∆VIN = VINmax – VINmin the necessary gain is calculated as:
IN
PIN
V
V
G
∆
∆
=
6
(12)
If G < 1, the input signal can be routed directly to pin 6 (INDAI) via a voltage divider without OP1
having to be used (see Figure 9). With this circuitry the following results:
7
6
7
6
R
R
R
V
V
G
IN
PIN
+
=
∆
∆
=
⇒
1
6
7
6
−
∆
∆
=
PIN
IN
V
V
R
R
(13)
From input offset VINmin the following output current is then obtained when ISET = 0:
()
0
7
6
7
min
min
8
1
R
R
R
R
V
V
I
IN
IN
OUT
⋅
+
⋅
=
(14)
Using the SET pin and Equation 2 the required minimum output current IOUTmin can then be set:
SET
IN
OUT
I
R
R
R
R
V
I
+
⋅
+
⋅
=
0
7
6
7
8
1
with
4
3
4
0
2
R
R
R
R
V
I
REF
SET
+
⋅
=
(15)
Example: 4..20mA Voltage-To-Current Converter with Input Signal Offset (3-wire
application)
To convert a signal of VIN = 0.5...4.5V the external components are to be dimensioned in such a
way that the output current has a range of 4...20mA. The circuitry is shown in Figure 9. OP1 is used
as input stage to have a high ohmic input and to profite from internal overvoltage protection.
OP2 is not used here. It is, however, available to the user as an additional OP. The pin 1 and 2 has
to be connected.
With reference to Equation (11) and with R0 = 27Ω, a voltage swing is obtained at pin 6 of:
V
456
.
3
mA
16
27
8
8
0
6
3
=
⋅
Ω
⋅
=
∆
=
∆
=
∆
OUT
PIN
PIN
I
R
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com