Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM462 Datasheet(PDF) 16 Page - WOLFSPEED, INC.

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM462 Datasheet(HTML) 16 Page - WOLFSPEED, INC.

Back Button AM462 Datasheet HTML 12Page - WOLFSPEED, INC. AM462 Datasheet HTML 13Page - WOLFSPEED, INC. AM462 Datasheet HTML 14Page - WOLFSPEED, INC. AM462 Datasheet HTML 15Page - WOLFSPEED, INC. AM462 Datasheet HTML 16Page - WOLFSPEED, INC. AM462 Datasheet HTML 17Page - WOLFSPEED, INC. AM462 Datasheet HTML 18Page - WOLFSPEED, INC. AM462 Datasheet HTML 19Page - WOLFSPEED, INC. AM462 Datasheet HTML 20Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
Oktober 2007 – Rev.2.5 -Page 16/20
Phone: +49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet:
http://www.analogmicro.de
Email: info@analogmicro.de
Using Equation (13) the following applies:
157
.
0
V
456
.
3
V
456
.
3
V
4
6
6
7
6
≈
−
=
∆
∆
−
∆
=
PIN
PIN
IN
V
V
V
R
R
⇒
6
7
35
.
6
R
R
⋅
=
According to Equation (14) the minimum output current generated by the input offset is calculated
as:
mA
2
27
8
1
1
6.37
6,37
V
5
.
0
8
1
0
7
6
7
min
min
≈
Ω
⋅
⋅
+
⋅
=
⋅
+
⋅
=
R
R
R
R
V
I
IN
OUT
To obtain an output current of IOUT = 4...20mA, according to the above a current of ISET = 2mA must
then be added. With reference to Equation (5) the ratio of R3 to R4 is calculated thus:
4
3
4
0
!
2
mA
2
R
R
R
R
V
I
REF
SET
+
⋅
=
=
⇒
3
.
45
1
mA
2
27
2
V
5
1
2
0
4
3
≈
−
⋅
Ω
⋅
=
−
=
SET
REF
I
R
V
R
R
Observing the given boundary conditions, the following values are obtained for the external
components:
R0 = 27Ω
R6 ≈ 10kΩ
R7 = 63.7kΩ
R3 = 90.6kΩ
R4 = 2kΩ
R5 = 39Ω
RL = 0...600Ω
C1 = 2.2µF
R9 = 47 kΩ
Ground
R
5
R
L
1
Signal-ended
input voltage
Connections setting unused funktion blocks in a defined operating point
3-wire connection
V
BG
1
2
AM462
OP2
R
7
R
9
4
OP1
5
3
R
3
C
1
R
0
14
6
13
15
16
11
8
9
10
V
I
R
4
T
1
D
1
Voltage reference
V
S
I
OUT
R
6
V
IN
Figure 9:
Converting an input signal with an input signal offset (3-wire-application)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com