Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM462 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM462 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  AM462 Datasheet HTML 1Page - WOLFSPEED, INC. AM462 Datasheet HTML 2Page - WOLFSPEED, INC. AM462 Datasheet HTML 3Page - WOLFSPEED, INC. AM462 Datasheet HTML 4Page - WOLFSPEED, INC. AM462 Datasheet HTML 5Page - WOLFSPEED, INC. AM462 Datasheet HTML 6Page - WOLFSPEED, INC. AM462 Datasheet HTML 7Page - WOLFSPEED, INC. AM462 Datasheet HTML 8Page - WOLFSPEED, INC. AM462 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
Oktober 2007 – Rev.2.5 -Page 1/20
Phone: +49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet:
http://www.analogmicro.de
Email: info@analogmicro.de
PRINCIPLE FUNCTION
Conversion of input voltage referenced to ground to output current
Integrated protection for IC and external components
Integrated, adjustable current/voltage sources for external components
TYPICAL APPLICATIONS
• Adjustable voltage-to-current (V/I) converter
• Adjustable voltage and current source (supply unit)
• Voltage regulator with additional functions
• Industrial protector and output IC for microprocessors (the Frame ASIC concept [1])
• Peripheral processor IC
• For examples of typical applications see Example Applications
V
REF = 5/10V
AM462
V
CC = 6...35V
I
CC = up to 10mA
Single-ended
input voltage
0...V -5V
CC
I
OUT = e.g. 0/4...20mA


Similar Part No. - AM462

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM462 AME-AM462 Datasheet
275Kb / 20P
Industrial V/I Converter and Protector IC
logo
Analog Microelectronics...
AM462 ANALOGMICRO-AM462 Datasheet
300Kb / 20P
Industrial V/I Converter and Protector IC
Oktober 2007
More results

Similar Description - AM462

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1753M SONY-CXA1753M Datasheet
60Kb / 7P
I-V Photo IC for CD Player
CXA1915AN SONY-CXA1915AN Datasheet
108Kb / 8P
I-V Photo IC for MiniDisc
logo
AUK corp
SIP25M AUK-SIP25M Datasheet
185Kb / 4P
IC protector
logo
Protek Devices
232B PROTEC-232B Datasheet
126Kb / 3P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
logo
AUK corp
SIP25 AUK-SIP25 Datasheet
200Kb / 3P
IC protector
logo
Analog Microelectronics
AM460 AME-AM460 Datasheet
163Kb / 18P
Industrial Converter and Protector IC
AM462 AME-AM462 Datasheet
275Kb / 20P
Industrial V/I Converter and Protector IC
logo
Protek Devices
232B PROTEC-232B_10 Datasheet
437Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
232B PROTEC-232B_12 Datasheet
439Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
logo
WOLFSPEED, INC.
AM460 WOLFSPEED-AM460 Datasheet
153Kb / 18P
Industrial Converter and Protector IC
April 2003 Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com