Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM462 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM462 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  AM462 Datasheet HTML 1Page - WOLFSPEED, INC. AM462 Datasheet HTML 2Page - WOLFSPEED, INC. AM462 Datasheet HTML 3Page - WOLFSPEED, INC. AM462 Datasheet HTML 4Page - WOLFSPEED, INC. AM462 Datasheet HTML 5Page - WOLFSPEED, INC. AM462 Datasheet HTML 6Page - WOLFSPEED, INC. AM462 Datasheet HTML 7Page - WOLFSPEED, INC. AM462 Datasheet HTML 8Page - WOLFSPEED, INC. AM462 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
Oktober 2007 – Rev.2.5 -Page 5/20
Phone: +49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet:
http://www.analogmicro.de
Email: info@analogmicro.de
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Operational Amplifier Gain Stage (OP1) (cont.)
VOS vs. Temperature
dVOS/dT
±3
±7
µV/°C
Input Bias Current
IB
10
25
nA
IB vs. Temperature
dIB/dT
7
20
pA/°C
Output Voltage Limitation
VLIM
VREF
V
Output Voltage Range
VOUTAD
VCC < 10V
0
VCC – 5
V
VOUTAD
VCC ≥ 10V
0
VREF
V
Load Capacitance
CL
250
pF
V/I Converter
Internal Gain
GVI
0,12
0.125
0,13
Trim Range
Adjustable by R0
0.75
1.00
1.25
Voltage Range at R0 FS
VR0FS
350
750
mV
Offset Voltage
VOS
Forward Current Gain of T1 βF ≥ 100
±2
±4
mV
VOS vs. Temperature
dVOS/dT
Forward Current Gain of T1 βF ≥ 100
±7
±14
µV/°C
Input Resistance
RIN
120
160
k
Ω
RIN vs. Temperature
dRIN/dT
0.2
0.3
k
Ω/°C
Output Offset Current
IOUTOS
3-wire operation
–25
–35
µA
IOUTOS vs. Temperature
dIOUTOS/dT
3-wire operation
16
26
nA/°C
Output Offset Current
IOUTOS
2-wire operation
9.5
14
µA
IOUTOS vs. Temperature
dIOUTOS/dT
2-wire operation
6
8
nA/°C
Output Control Current
IOUTC
2-wire operation, VR0/100mV
6
8
µA
IOUTC vs. Temperature
dIOUTC/dT
2-wire operation
–10
–15
nA/°C
Output Voltage Range
VOUT
VOUT = RL IOUT, VCC < 18V
0
VCC – 6
V
VOUT
VOUT = RL IOUT, VCC ≥ 18V
0
12
V
Output Current Range FS
IOUTFS
IOUT = VR0/R0, 3-wire operation
20
mA
Output Resistance
ROUT
0.5
1.0
M
Ω
Load Capacitance
CL
0
500
nF
SET Stage
Internal Gain
GSET
0.5
Input Voltage
VSET
0
1.15
V
Offset Voltage
VOS
±0.5
±1.5
mV
VOS vs. Temperature
dVOS/dT
±1.6
±5
µV/°C
Input Bias Current
IB
8
20
nA
IB vs. Temperature
dIB/dT
7
18
pA/°C
Protection Functions
Voltage Limitation at R0
VLIMR0
VINDAI = 0, VR0 = GSET VSET
580
635
690
mV
Protection against reverse polarity
Ground vs. VS vs. VOUT
35
V
Ground vs. VS vs. IOUT
35
V
Current in the event of reverse polarity
Ground = 35V, VS = IOUT = 0
4.5
mA
System Parameters
Nonlinearity
Ideal input
0.05
0.15
%FS
* In 2-wire operation a maximum current of IOUTmin – ICC is valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com