Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9451WB Datasheet (PDF) - Belden Inc.

9451WB Datasheet PDF - Belden Inc.
Part # 9451WB
Download  9451WB Download
File Size   169.7 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 1 Pair 22 AWG, TC, Shielded, Waterblocked

9451WB Datasheet (PDF)

Go To PDF Page Download Datasheet
9451WB Datasheet PDF - Belden Inc.

Part # 9451WB
Download  9451WB Click to download

File Size   169.7 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 1 Pair 22 AWG, TC, Shielded, Waterblocked

9451WB Datasheet (HTML) - Belden Inc.


9451WB Product details

Product Description
Audio Cable, 1 Pair 22 AWG stranded (7x30) TC conductors, polypropylene insulation, overall Beldfoil® shield (100% coverage), 22 AWG stranded TC drain
wire, waterblock tape, polyethylene jacket.




Similar Part No. - 9451WB

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9451 BELDEN-9451 Datasheet
268Kb / 2P
Audio Cable, 1 Pair 22 AWG TC, Shielded, Riser
logo
Keystone Electronics Co...
9451 KEYSTONE-9451 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9451 HEYCO-9451 Datasheet
169Kb / 1P
Screw to Tab Terminal Blocks
logo
Pro-Signal
9451-1.5M RG59 ROHS PROSIGNAL-9451-1.5M RG59 ROHS Datasheet
47Kb / 2P
Phono Lead
16/05/08 V1.0
9451-1.5M ROHS PROSIGNAL-9451-1.5M ROHS Datasheet
47Kb / 2P
Phono Lead
16/05/08 V1.0
More results


Similar Description - 9451WB

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8451 BELDEN-8451 Datasheet
270Kb / 2P
Audio & Instrumentation, 1 Pair 22 AWG, TC, O/A Foil, CM
9451 BELDEN-9451 Datasheet
268Kb / 2P
Audio Cable, 1 Pair 22 AWG TC, Shielded, Riser
1218B BELDEN-1218B Datasheet
178Kb / 3P
Audio Snake Cable, #22-6pr, TC, Indiv. Shielded
12-19-2022
1815WB BELDEN-1815WB Datasheet
202Kb / 2P
Audio Snake Cable, 4 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PE Jkt, Waterblocked
11-09-2022
9451PS6 BELDEN-9451PS6 Datasheet
174Kb / 3P
Audio Snake Cable, 6 Pair 22 AWG, TC, Indiv. Shielded, CMP
11-09-2022
8723SB BELDEN-8723SB Datasheet
142Kb / 2P
Audio & Instrumentation, 2 Pair 22 AWG, TC, Individually Shielded, Shipboard
01-20-2023
9451PS4 BELDEN-9451PS4 Datasheet
174Kb / 3P
Audio Snake Cable, 4 Pair 22 AWG, TC, Indiv. Shielded, CMP
12-20-2022
1801BD BELDEN-1801BD Datasheet
172Kb / 3P
Audio Snake Cable, 2 Pair 24 AWG, TC, Individually Shielded, CMP
11-09-2022
1802B BELDEN-1802B Datasheet
171Kb / 4P
Audio Cable, 2 Pair 24 AWG, TC, CMR
12-19-2022
8728 BELDEN-8728 Datasheet
165Kb / 2P
Special Audio, 2 Pair 22 AWG TC, Shielded, CM
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com