Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8728 Datasheet (PDF) - Belden Inc.

8728 Datasheet PDF - Belden Inc.
Part # 8728
Download  8728 Download
File Size   165.43 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Special Audio, 2 Pair 22 AWG TC, Shielded, CM

8728 Datasheet (PDF)

Go To PDF Page Download Datasheet
8728 Datasheet PDF - Belden Inc.

Part # 8728
Download  8728 Click to download

File Size   165.43 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Special Audio, 2 Pair 22 AWG TC, Shielded, CM

8728 Datasheet (HTML) - Belden Inc.


8728 Product details

Product Description
Audio, 2 Pair 22 AWG stranded (7x30) TC conductors, polypropylene insulation, cabled in pairs, overall Beldfoil® shield (100% coverage), 24 AWG stranded
TC drain wires, CM, PVC jacket.




Similar Part No. - 8728

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8728 MALLORY-8728 Datasheet
369Kb / 8P
Soft Touch Rev Control
logo
Molex Electronics Ltd.
87280-0900 MOLEX9-87280-0900 Datasheet
91Kb / 3P
2.00mm (.079") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 9Circuits
87280-1100 MOLEX9-87280-1100 Datasheet
91Kb / 3P
2.00mm (.079") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 11 Circuits
87280-1300 MOLEX9-87280-1300 Datasheet
91Kb / 3P
2.00mm (.079") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 13 Circuits
logo
List of Unclassifed Man...
87280601000 ETC2-87280601000 Datasheet
101Kb / 3P
22 AWG stranded (7x30) TC conductors, polypropylene insulation, cabled in pairs, overall Beldfoil
More results


Similar Description - 8728

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8451 BELDEN-8451 Datasheet
270Kb / 2P
Audio & Instrumentation, 1 Pair 22 AWG, TC, O/A Foil, CM
9451 BELDEN-9451 Datasheet
268Kb / 2P
Audio Cable, 1 Pair 22 AWG TC, Shielded, Riser
1504A BELDEN-1504A Datasheet
192Kb / 2P
Audio Cable, #22-2pr, TC, O/A Foil, CM
01-20-2023
9451PS6 BELDEN-9451PS6 Datasheet
174Kb / 3P
Audio Snake Cable, 6 Pair 22 AWG, TC, Indiv. Shielded, CMP
11-09-2022
8723SB BELDEN-8723SB Datasheet
142Kb / 2P
Audio & Instrumentation, 2 Pair 22 AWG, TC, Individually Shielded, Shipboard
01-20-2023
9451PS4 BELDEN-9451PS4 Datasheet
174Kb / 3P
Audio Snake Cable, 4 Pair 22 AWG, TC, Indiv. Shielded, CMP
12-20-2022
9451WB BELDEN-9451WB Datasheet
169Kb / 2P
Audio Cable, 1 Pair 22 AWG, TC, Shielded, Waterblocked
12-20-2022
1801BD BELDEN-1801BD Datasheet
172Kb / 3P
Audio Snake Cable, 2 Pair 24 AWG, TC, Individually Shielded, CMP
11-09-2022
1802B BELDEN-1802B Datasheet
171Kb / 4P
Audio Cable, 2 Pair 24 AWG, TC, CMR
12-19-2022
1325R BELDEN-1325R Datasheet
155Kb / 2P
Security & Commercial Audio, 2 Pair 22 AWG BC, CMR
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com