Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3363GJ Datasheet (PDF) - Monolithic Power Systems

MP3363GJ Datasheet PDF - Monolithic Power Systems
Part # MP3363GJ
Download  MP3363GJ Download
File Size   1389.99 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Single-String, 1.8V Minimum VIN, 36V VOUT Boost LED Driver

MP3363GJ Datasheet (PDF)

Go To PDF Page Download Datasheet
MP3363GJ Datasheet PDF - Monolithic Power Systems

Part # MP3363GJ
Download  MP3363GJ Click to download

File Size   1389.99 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Single-String, 1.8V Minimum VIN, 36V VOUT Boost LED Driver

MP3363GJ Datasheet (HTML) - Monolithic Power Systems


MP3363GJ Product details

DESCRIPTION
The MP3363 is a fixed-frequency converter
ideal for low-current and high-current boost
applications. The low 0.2V feedback voltage
(VFB) offers higher efficiency in white LED driver
applications.
The MP3363 regulates the output voltage
(VOUT) up to 36V, with efficiency as high as
95%. Current mode regulation and external
compensation components allow the MP3363
control loop to be optimized across a wide
variety of input voltages.
The MP3363 supports analog dimming and
pulse-width modulation (PWM) dimming on
same pin. An input PWM signal with dimming
frequency below 2kHz initiates PWM dimming,
while an input PWM signal with dimming
frequency above 5kHz initiates analog dimming.
Soft start, cycle-by-cycle current limit, and input
under-voltage lockout (UVLO) protection
prevent the sensitive external circuitry from
being damaged or overstressed during start-up
or potential overload current conditions.
The MP3363 is available in a TSOT23-8
package.




Similar Part No. - MP3363GJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
Highly Integrated Photo Flash Charger and IGBT Driver
MP3360DG MPS-MP3360DG Datasheet
235Kb / 6P
Integrated Photo Flash Changer IGBT Driver EV Board
MP3361 MPS-MP3361 Datasheet
177Kb / 7P
300V, 1A Peak, Integrated Photo Flash Charger and IGBT Driver
MP3361DK MPS-MP3361DK Datasheet
321Kb / 6P
Integrated Photo Flash Changer IGBT Driver EV Board
MP3362 MPS-MP3362 Datasheet
721Kb / 17P
Single-String, 3V Minimum VIN, 36V VOUT, Boost LED Driver
Rev. 1.1 2/22/2023
More results


Similar Description - MP3363GJ

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
Integrated 6 String LED Boost Type Driver
logo
Microsemi Corporation
LXMG1930-28-0X MICROSEMI-LXMG1930-28-0X Datasheet
195Kb / 8P
3-String 5W LED Backlight Boost Driver Module
LXMG1960-28-0X MICROSEMI-LXMG1960-28-0X Datasheet
199Kb / 8P
6-String 5W LED Backlight Boost Driver Module
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
MIC69301 MICREL-MIC69301_11 Datasheet
438Kb / 13P
Single Supply VIN, Low VIN, Low VOUT, 3ALDO
logo
Eutech Microelectronics...
EUP2589 EUTECH-EUP2589 Datasheet
205Kb / 1P
12 String White LED Driver With Boost Controller
logo
Recom International Pow...
RBD-12 RECOM-RBD-12 Datasheet
160Kb / 3P
Buck- Boost LED Driver up to Vout=40V
logo
Linear Dimensions Semic...
LND1937 LINEAR_DIMENSIONS-LND1937 Datasheet
72Kb / 1P
36V BOOST DC/DC LED DRIVER
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
Multi-String Boost White LED Driver
logo
Linear Technology
LT3922 LINER-LT3922 Datasheet
895Kb / 8P
36V 2A Synchronous 2MHz Boost LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com