Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3363GJ Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3363GJ
Description  Single-String, 1.8V Minimum VIN, 36V VOUT Boost LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3363GJ Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3363GJ Datasheet HTML 1Page - Monolithic Power Systems MP3363GJ Datasheet HTML 2Page - Monolithic Power Systems MP3363GJ Datasheet HTML 3Page - Monolithic Power Systems MP3363GJ Datasheet HTML 4Page - Monolithic Power Systems MP3363GJ Datasheet HTML 5Page - Monolithic Power Systems MP3363GJ Datasheet HTML 6Page - Monolithic Power Systems MP3363GJ Datasheet HTML 7Page - Monolithic Power Systems MP3363GJ Datasheet HTML 8Page - Monolithic Power Systems MP3363GJ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP3363
– SINGLE-STRING, 1.8V MINIMUM VIN, 36 VOUT BOOST LED DRIVER
MP3363 Rev. 1.0
MonolithicPower.com
4
9/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 1.8V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input shutdown supply current
VEN = 0V
0.5
1
μA
Input operating supply current
IQ1
VEN > 2V, VFB = 0.5V
0.8
1.05
mA
IQ2
With switching, 400kHz
1.5
mA
VIN under-voltage lockout
(UVLO) threshold
VUVLO
VIN rising
1.5
1.6
1.7
V
VIN UVLO hysteresis
VUVLO_HYS
100
mV
EN/DIM input low threshold
VEN_L
0.4
V
EN/DIM input high threshold
VEN_H
1.2
V
EN/DIM input bias current
IEN
VEN = 5V
7
μA
EN/DIM input low time to disable
the IC
tEN
EN/DIM pulls low to disable
the IC
16
20
24
ms
SW switching frequency
fSW
ROSC = 100k
Ω
360
400
440
kHz
SW maximum duty cycle
VFB = 0.15V, fSW = 400kHz
90
93
%
Error amplifier (EA)
transconductance
GEA
250
μA/V
COMP maximum current
IEA
Sourcing and sinking
30
μA
FB regulation threshold
VFB
196
200
204
mV
FB input bias current
IFB
VFB = 0.5V
1
μA
SW on resistance
RON
100
m
Ω
SW current limit
ILIM
Duty = 80%
0.85
1
1.15
A
SW leakage current
ISW
VSW = 40V
0.3
μA
Over-voltage protection (OVP)
threshold
VOVP
1.12
1.2
1.28
V
OVP hysteresis
VOVP_HYS
100
mV
OVP under-voltage threshold
VOVP_UV
50
100
mV
Short load protection threshold
VSP
VFB > VSP, short load
protection is triggered
540
600
660
mV
Latch-off current limit
ICL
2.5
A
Thermal shutdown threshold (5)
TSD
170
°C
Thermal shutdown hysteresis (5)
TSD_HYS
20
°C
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com