Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3363GJ Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3363GJ
Description  Single-String, 1.8V Minimum VIN, 36V VOUT Boost LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3363GJ Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3363GJ Datasheet HTML 6Page - Monolithic Power Systems MP3363GJ Datasheet HTML 7Page - Monolithic Power Systems MP3363GJ Datasheet HTML 8Page - Monolithic Power Systems MP3363GJ Datasheet HTML 9Page - Monolithic Power Systems MP3363GJ Datasheet HTML 10Page - Monolithic Power Systems MP3363GJ Datasheet HTML 11Page - Monolithic Power Systems MP3363GJ Datasheet HTML 12Page - Monolithic Power Systems MP3363GJ Datasheet HTML 13Page - Monolithic Power Systems MP3363GJ Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP3363
– SINGLE-STRING, 1.8V MINIMUM VIN, 36 VOUT BOOST LED DRIVER
MP3363 Rev. 1.0
MonolithicPower.com
10
9/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.

FB
LED
FB
V
I
Duty
R
(1)
Where VFB is about 200mV, RFB is the feedback
resistor, and Duty is the PWM signal duty.
Protections
The
MP3363
’s protection features include
UVLO, OVP, OCP, short load protection, short
FB to GND protection, and TSD.
Under-Voltage Lockout (UVLO)
The MP3363 integrates VIN UVLO protection.
The internal circuit does not work until VIN
reaches the UVLO rising threshold.
Over-Voltage Protection (OVP)
Over-voltage (OV) conditions are detected by
sensing the OVP pin
’s voltage. If the OVP pin’s
voltage reaches its high threshold, OVP is
triggered and the IC stops switching. The IC
tries to recover once the OVP
pin’s voltage
drops to its low threshold.
Short Load Protection
Under short load conditions, a large short
current is detected by the FB sense resistor. If
the FB-sensed voltage exceeds 600mV for 20
switching
cycles,
short
load
protection
is
triggered and the IC stops switching. The IC
resumes switching once the short condition
disappears.
High voltage appears on the FB pin under short
load conditions. Figure 3 shows the additional
components that are required to protect the FB
pin from damage. If a short occurs, a diode (D1)
can be used to clamp VFB to about 0.3V. A
Zener diode can also be used to clamp VFB.
FB
D1
RFB
FB
D1
RFB
R1
a) Standard Diode
b) Zener Diode
Figure 3: Short Load Protection for the FB Pin
Note that there is a short loop from the input to
GND under short load conditions. Use a fuse or
an external circuit to cut off the short loop.
OVP Pin Under-Voltage Protection (UVP)
If the OVP pin’s voltage drops below 50mV for
10µs during normal operation, UVP is triggered
and the IC stops switching. This protection is
blanked during soft start.
Over-Current
Protection
(OCP)
(Short
Inductor/Diode Protection)
If there is an inductor or diode short and the
MOSFET's current exceeds the latch-off current
limit (typically 2.5A) for seven consecutive
cycles, then OCP is triggered and the IC stops
switching. Once the short disappears, the IC
resumes normal operation.
Short FB to GND Protection
If VFB drops below 50mV and the COMP
saturation lasts for 20ms, the IC stops switching.
Once the short disappears, the IC resumes
normal operation.
Thermal Shutdown
Thermal shutdown prevents the MP3363 from
operating at exceedingly high temperatures. If
the
die
temperature
exceeds
the
upper
threshold (TSD = 170°C), the COMP pin is pulled
low. The IC resumes normal operation when
the die temperature drops below the lower
threshold. The hysteresis is about 20°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com