Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3363GJ Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3363GJ
Description  Single-String, 1.8V Minimum VIN, 36V VOUT Boost LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3363GJ Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3363GJ Datasheet HTML 1Page - Monolithic Power Systems MP3363GJ Datasheet HTML 2Page - Monolithic Power Systems MP3363GJ Datasheet HTML 3Page - Monolithic Power Systems MP3363GJ Datasheet HTML 4Page - Monolithic Power Systems MP3363GJ Datasheet HTML 5Page - Monolithic Power Systems MP3363GJ Datasheet HTML 6Page - Monolithic Power Systems MP3363GJ Datasheet HTML 7Page - Monolithic Power Systems MP3363GJ Datasheet HTML 8Page - Monolithic Power Systems MP3363GJ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP3363
– SINGLE-STRING, 1.8V MINIMUM VIN, 36 VOUT BOOST LED DRIVER
MP3363 Rev. 1.0
MonolithicPower.com
5
9/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 10V, 10 LEDs, ILED = 80mA, L = 4.7µH, TA = 25°C, unless otherwise noted.
Steady State
VIN = 1.8V, load = 3 LEDs
Steady State
Load = 6 LEDs
CH1: VSW
CH2: VOUT
CH3: IL
CH4: ILED
CH1: VSW
CH2: VOUT
CH3: IL
CH4: ILED
Start-Up through VIN
VIN = 8V, ILED = 40mA
Shutdown through VIN
VIN = 8V, ILED = 40mA
CH1: VSW
CH2: VOUT
CH3: IL
CH4: ILED
CH1: VSW
CH2: VOUT
CH3: IL
CH4: ILED
Start-Up through EN
Shutdown through EN
CH1: VSW
CH2: VEN
CH3: IL
CH4: ILED
CH1: VSW
CH2: VEN
CH3: IL
CH4: ILED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com